Electronic Components Datasheet Search
  English  ▼

X  

NTP53X2 Datasheet(PDF) 107 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 107 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 103Page - NXP Semiconductors NTP53X2 Datasheet HTML 104Page - NXP Semiconductors NTP53X2 Datasheet HTML 105Page - NXP Semiconductors NTP53X2 Datasheet HTML 106Page - NXP Semiconductors NTP53X2 Datasheet HTML 107Page - NXP Semiconductors NTP53X2 Datasheet HTML 108Page - NXP Semiconductors NTP53X2 Datasheet HTML 109Page - NXP Semiconductors NTP53X2 Datasheet HTML 110Page - NXP Semiconductors NTP53X2 Datasheet HTML 111Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
107 / 133
8.4.6 SRAM PHDC Mode
This mode is similar to SRAM mirror mode. This mode needs to be enabled, when PHDC
communication scheme as defined in NFC Forum PHDC specification shall be used.
NFC will always get a response when accessing SRAM.
8.5 Energy harvesting
NTAG 5 link provides the capability to supply external low-power devices with energy
harvested from the NFC field of an NFC device.
When DISABLE_POWER_CHECK bit is set to 0b, minimum provided output power can
be configured by setting desired voltage and minimum required output current in the
related configuration bytes (see Section 8.1.3.18).
WARNING: Sufficient RF field is required when DISABLE_ POWER_CHECK is
set to 0b to have access to EEPROM. As long as NTAG 5 link detects too less
energy to be harvested from the field only INVENTORY command and READ/WRITE
CONFIGURATION to access session registers will be handled. This feature ensures
a stable system, as the host will only be supplied if there is sufficient energy available.
However, during design phase we recommend disabling this power check.
The provided output power in general of course depends on many parameters like the
strength of the NFC field, the antenna size, or the distance from the NFC device. The
design ensures with the right settings, that VOUT is only enabled, when sufficient energy
can be harvested from the NFC field.
1.8 V, 2.4 V or 3 V output voltage can be selected by coding EH_VOUT_V_SEL
accordingly.
Minimum required load current can be coded in EH_VOUT_I_SEL configuration field.
VOUT and VCC need to be connected as soon as energy harvesting is used. Otherwise
there is no EEPROM access possible from NFC perspective and status registers may
contain invalid information.
Appropriate capacitor dependent on load needs to be placed between VOUT and ground
to close energy gaps during miller pauses. An example circuit is illustrated in the figure
below.
VOUT pin shall be kept floating (not connected) in case energy harvesting feature is not
used. If energy harvesting is disabled, pin will be connected to GND internally.
With EH_ENABLE configuration bit st to 1b, energy harvesting will be enabled after boot,
automatically and all energy harvesting-related session register bits are meaningless.
When enabling energy harvesting via session registers, EH_MODE, EH_VOUT_SEL
and EH_IOUT_SEL needs to be configured properly in the related configuration bytes.
EH_ENABLE configuration bit need to be 0b in this case.
After boot, session registers can be used to first trigger current detection by setting
EH_TRIGGER to 1b, then poll for EH_LOAD_OK that gets 1b and finally set
EH_TRIGGER and EH_ENABLE to 1b, or directly enable energy harvesting by setting
EH_TRIGGER and EH_ENABLE bit to 1b (see Table 97).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com