Electronic Components Datasheet Search
  English  ▼

X  

NTP53X2 Datasheet(PDF) 109 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 109 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 105Page - NXP Semiconductors NTP53X2 Datasheet HTML 106Page - NXP Semiconductors NTP53X2 Datasheet HTML 107Page - NXP Semiconductors NTP53X2 Datasheet HTML 108Page - NXP Semiconductors NTP53X2 Datasheet HTML 109Page - NXP Semiconductors NTP53X2 Datasheet HTML 110Page - NXP Semiconductors NTP53X2 Datasheet HTML 111Page - NXP Semiconductors NTP53X2 Datasheet HTML 112Page - NXP Semiconductors NTP53X2 Datasheet HTML 113Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
109 / 133
Table 231. NFC Lock Block Configuration location
Block Address
NFC
I2C
Byte 0
Byte 1
Byte 2
Byte 3
6Ah
106Ah
NFC_LOCK_BL0
NFC_LOCK_BL1
...
...
...
...
89h
1089h
NFC_LOCK_BL62
NFC_LOCK_BL63
RFU
RFU
Table 232. I2C Lock Block Configuration location
Block Address
NFC
I2C
Byte 0
Byte 1
Byte 2
Byte 3
8Ah
108Ah
I2C_LOCK_BL0
I2C_LOCK_BL1
RFU
RFU
8Bh
108Bh
I2C_LOCK_BL2
I2C_LOCK_BL3
RFU
RFU
8.6.2 Memory Areas
The memory may be split into three different configurable areas with different access
conditions.
Highest priority has the 16-bit Protection Pointer PP_AREA_1. It splits the memory into
an AREA_0 and an AREA_1 at the address configured with the PP_AREA_1.
Restricted area AREA_1, starting from block address PP_AREA_1 is automatically
protected by the AREA_1 read and AREA_1 write password in plain password mode.
In AES mode, a key with read and write privilege is needed to be able to access the
restricted area.
To enable password protection to AREA_1 from I2C perspective, I2C passwords need to
be enabled by setting I2C key header (I2C_KH) to active. In that case AREA_1 read and
write passwords need to be presented to NTAG 5 link.
The split configured with the 16-bit Protection Pointer is the same for both, NFC and I2C
perspective.
The area below this address can be split into two more areas with the 8-bit
NFC_PP_AREA_0-H (see Section 8.1.3.28) and the 8-bit I2C_PP_AREA_0-H (see
Section 8.1.3.11), independently of the NFC and I2C perspective.
NFC AREA_0-L, usually used to store NDEF messages, starts from block 0. NFC
AREA_0-H, usually used as password protected area to store private data, starts from
block address configured by the 8-bit NFC_PP_AREA_0H and ends just before the block
addressed with the PP_AREA_1 configuration byte. If PP_AREA_1 points outside the
addressable memory space, only AREA_0-L and AREA_0-H are available.
I2C AREA_0-L starts from block 0. I2C AREA_0-H, starts from the block address
configured by the 8-bit I2C_PP_AREA_0H.
The concept is illustrated in the Figure below and further details can be found in
AN12366.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com