Electronic Components Datasheet Search
  English  ▼

X  

RX113 Datasheet(PDF) 120 Page - Renesas Technology Corp

Part # RX113
Description  32 MHz maximum operating frequency Capable of 50 DMIPS when operating at 32 MHz
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX113 Datasheet(HTML) 120 Page - Renesas Technology Corp

Back Button RX113 Datasheet HTML 116Page - Renesas Technology Corp RX113 Datasheet HTML 117Page - Renesas Technology Corp RX113 Datasheet HTML 118Page - Renesas Technology Corp RX113 Datasheet HTML 119Page - Renesas Technology Corp RX113 Datasheet HTML 120Page - Renesas Technology Corp RX113 Datasheet HTML 121Page - Renesas Technology Corp RX113 Datasheet HTML 122Page - Renesas Technology Corp RX113 Datasheet HTML 123Page - Renesas Technology Corp RX113 Datasheet HTML 124Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 131 page
background image
R01DS0216EJ0120 Rev.1.20
Page 120 of 131
Sep 07, 2020
RX113 Group
5. Electrical Characteristics
5.13
ROM (Flash Memory for Code Storage) Characteristics
Note 1. Definition of reprogram/erase cycle: The reprogram/erase cycle is the number of erasing for each block. When the reprogram/
erase cycle is n times (n = 1000), erasing can be performed n times for each block. For instance, when 4-byte programming is
performed 256 times for different addresses in 1-Kbyte block and then the entire block is erased, the reprogram/erase cycle is
counted as one. However, programming the same address for several times as one erasing is not enabled (overwriting is
prohibited).
Note 2. Characteristic when using the flash memory programmer and the self-programming library provided from Renesas Electronics.
Note 3. This result is obtained from reliability testing.
Note:
Does not include the time until each operation of the flash memory is started after instructions are executed by software.
Note:
The lower-limit frequency of FCLK is 1 MHz during programming or erasing of the flash memory. When using FCLK at below
4 MHz, the frequency can be set to 1 MHz, 2 MHz, or 3 MHz. A non-integer frequency such as 1.5 MHz cannot be set.
Note:
The frequency accuracy of FCLK should be ±3.5%. Confirm the frequency accuracy of the clock source.
Table 5.60
ROM (Flash Memory for Code Storage) Characteristics (1)
Item
Symbol
Min.
Typ.
Max.
Unit
Conditions
Reprogramming/erasure cycle*1
NPEC
1000
—
—
Times
Data hold time
After 1000 times of NPEC
tDRP
20*2, *3
—
—
Year
Ta = +85°C
Table 5.61
ROM (Flash Memory for Code Storage) Characteristics (2)
High-speed operating mode Conditions: 2.7 V
≤ VCC ≤ 3.6 V, 2.7 V ≤ AVCC0 ≤ 3.6 V, VSS = AVSS0 = VSS_USB = 0 V
Temperature range for the programming/erasure operation: Ta = –40 to +105°C
Item
Symbol
FCLK = 1 MHz
FCLK = 32 MHz
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Programming time
4-byte
tP4
—
103
931
—
52
489
µs
Erasure time
1-Kbyte
tE1K
—
8.23
267
—
5.48
214
ms
256-Kbyte
tE256K
—
407
925
—
39
457
ms
Blank check time
4-byte
tBC4
—
—
48
—
—
15.9
µs
1-Kbyte
tBC1K
—
—
1.58
—
—
0.127
ms
Erase operation forcible stop time
tSED
—
—
21.6
—
—
12.8
µs
Start-up area switching setting time
tSAS
—
12.6
543
—
6.16
432
ms
Access window time
tAWS
—
12.6
543
—
6.16
432
ms
ROM mode transition wait time 1
tDIS
2—
—2—
—
µs
ROM mode transition wait time 2
tMS
5—
—5—
—
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com