Electronic Components Datasheet Search
  English  ▼

X  

RX113 Datasheet(PDF) 124 Page - Renesas Technology Corp

Part # RX113
Description  32 MHz maximum operating frequency Capable of 50 DMIPS when operating at 32 MHz
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX113 Datasheet(HTML) 124 Page - Renesas Technology Corp

Back Button RX113 Datasheet HTML 120Page - Renesas Technology Corp RX113 Datasheet HTML 121Page - Renesas Technology Corp RX113 Datasheet HTML 122Page - Renesas Technology Corp RX113 Datasheet HTML 123Page - Renesas Technology Corp RX113 Datasheet HTML 124Page - Renesas Technology Corp RX113 Datasheet HTML 125Page - Renesas Technology Corp RX113 Datasheet HTML 126Page - Renesas Technology Corp RX113 Datasheet HTML 127Page - Renesas Technology Corp RX113 Datasheet HTML 128Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 131 page
background image
R01DS0216EJ0120 Rev.1.20
Page 124 of 131
Sep 07, 2020
RX113 Group
5. Electrical Characteristics
Figure 5.67
Connecting Capacitors (100-pin LFQFP)
RX113 Group
PLQP0100KB-A
(100-pin LFQFP)
(Top view)
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
81
82
78
76
77
79
80
83
84
85
86
87
88
90
91
89
AVSS0
AVCC0
VSS_USB
VCC_USB
34
33
32
31
30
29
28
27
26
92
93
94
95
96
97
99
100
98
Bypass
capacitor
0.1 µF
Bypass
capacitor
0.1 µF
Bypass
capacitor
0.1 µF
Bypass
capacitor
0.1 µF
Bypass
capacitor
4.7 µF
Note. Do not apply the power supply voltage to the VCL pin.
Use a 4.7-µF multilayer ceramic for the VCL pin and place it close to the pin.
A recommended value is shown for the capacitance of the bypass capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com