Electronic Components Datasheet Search
  English  ▼

X  

RX113 Datasheet(PDF) 123 Page - Renesas Technology Corp

Part # RX113
Description  32 MHz maximum operating frequency Capable of 50 DMIPS when operating at 32 MHz
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX113 Datasheet(HTML) 123 Page - Renesas Technology Corp

Back Button RX113 Datasheet HTML 119Page - Renesas Technology Corp RX113 Datasheet HTML 120Page - Renesas Technology Corp RX113 Datasheet HTML 121Page - Renesas Technology Corp RX113 Datasheet HTML 122Page - Renesas Technology Corp RX113 Datasheet HTML 123Page - Renesas Technology Corp RX113 Datasheet HTML 124Page - Renesas Technology Corp RX113 Datasheet HTML 125Page - Renesas Technology Corp RX113 Datasheet HTML 126Page - Renesas Technology Corp RX113 Datasheet HTML 127Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 131 page
background image
R01DS0216EJ0120 Rev.1.20
Page 123 of 131
Sep 07, 2020
RX113 Group
5. Electrical Characteristics
5.15
Usage Notes
5.15.1
Connecting VCL Capacitor and Bypass Capacitors
This MCU integrates an internal voltage-down circuit, which is used for lowering the power supply voltage in the
internal MCU to adjust automatically to the optimum level. A 4.7-µF capacitor needs to be connected between this
internal voltage-down power supply (VCL pin) and VSS pin. Figure 5.67 to Figure 5.68 shows how to connect
external capacitors. Place an external capacitor close to the pins. Do not apply the power supply voltage to the VCL pin.
Insert a multilayer ceramic capacitor as a bypass capacitor between each pair of the power supply pins. Implement a
bypass capacitor to the MCU power supply pins as close as possible. Use a recommended value of 0.1 µF as the
capacitance of the capacitors. For the capacitors related to crystal oscillation, see section 9, Clock Generation Circuit
in the User’s Manual: Hardware. For the capacitors related to analog modules, also see section 36, 12-Bit A/D
Converter (S12ADb) in the User’s Manual: Hardware.
For notes on designing the printed circuit board, see the descriptions of the application note "Hardware Design Guide"
(R01AN1411EJ). The latest version can be downloaded from Renesas Electronics Website.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com