Electronic Components Datasheet Search
  English  ▼

X  

LT8697 Datasheet(PDF) 33 Page - Analog Devices

Part # LT8697
Description  5V 3A Output, 42V Input USB Charger with Cable Drop Compensation and Dataline Protection
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8697 Datasheet(HTML) 33 Page - Analog Devices

Back Button LT8697 Datasheet HTML 29Page - Analog Devices LT8697 Datasheet HTML 30Page - Analog Devices LT8697 Datasheet HTML 31Page - Analog Devices LT8697 Datasheet HTML 32Page - Analog Devices LT8697 Datasheet HTML 33Page - Analog Devices LT8697 Datasheet HTML 34Page - Analog Devices LT8697 Datasheet HTML 35Page - Analog Devices LT8697 Datasheet HTML 36Page - Analog Devices LT8697 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
LT8698S/LT8698S-1
33
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
On
Off
VBUS DISCHARGE
SWITCHING REGULATOR
µCONTROLLER
INPUT TO LT8698S
SEL1-3 PINS
LT8698S
TIME
COMMENTS
VBUS
STATUS
VBUS RESET TIMING DIAGRAM
FLT
10mA IBUS
On
Off
On
Off
On
Off
On
Off
5V
0V
UNSUCCESSFUL
VBUS RESET
ATTEMPT
STATUS HIGH INDICATES VBUS
DISCHARGE CYCLE COMPLETE,
FLT PULLS LOW FOR 4.2ms TO
INDICATE VBUS DISCHARGE NOT
SUCCESSFUL
STATUS HIGH INDICATES VBUS
DISCHARGE CYCLE COMPLETE,
FLT STAYS HIGH TO INDICATE
VBUS DISCHARGE SUCCESSFUL
SUCCESSFUL
VBUS RESET
ATTEMPT
~2ms
~2ms
~4.5ms
~400ms
–520ms
9ms
9ms
Figure 15. VBUS RESET Diagram
Figure 16. VBUS RESET Sequence
(a) Unsuccessful Bus Reset
(b) Successful Bus Reset
Unsuccessful Bus Reset
8200µF OUTPUT CAP
100ms/DIV
SEL1
5V/DIV
VBUS
2V/DIV
____
FLT
5V/DIV
STATUS
5V/DIV
8698S F16a
Succesfull Bus Reset
22µF OUTPUT CAP
100ms/DIV
SEL1
5V/DIV
VBUS
2V/DIV
____
FLT
5V/DIV
STATUS
5V/DIV
8698S F16b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com