Electronic Components Datasheet Search
  English  ▼

X  

LT8697 Datasheet(PDF) 10 Page - Analog Devices

Part # LT8697
Description  5V 3A Output, 42V Input USB Charger with Cable Drop Compensation and Dataline Protection
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8697 Datasheet(HTML) 10 Page - Analog Devices

Back Button LT8697 Datasheet HTML 6Page - Analog Devices LT8697 Datasheet HTML 7Page - Analog Devices LT8697 Datasheet HTML 8Page - Analog Devices LT8697 Datasheet HTML 9Page - Analog Devices LT8697 Datasheet HTML 10Page - Analog Devices LT8697 Datasheet HTML 11Page - Analog Devices LT8697 Datasheet HTML 12Page - Analog Devices LT8697 Datasheet HTML 13Page - Analog Devices LT8697 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
LT8698S/LT8698S-1
10
Rev. A
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, VIN = 12V unless otherwise noted.
FLT Deglitching
Latch-Off and Auto-Retry
STATUS IBUS Threshold
STATUS VBUS Threshold
SEL1-3 High and Low Threshold
SEL1-3 Deglitching
INTVCC Voltage vs Temperature
Dataline Switch RDS(ON)
Dataline Switch Capacitance to
Ground, Switch On
FLT Deglitching
____
FAULT
LATCH–OFF
GLITCH APPLIED
TO USB5V PIN
2ms/DIV
VUSB5V
2V/DIV
FLT
5V/DIV
VBUS
2V/DIV
8698S G28
Latch–Off and Auto–Retry
VBUS
OVERLOAD
REMOVED
VBUS
OVERLOAD
APPLIED
20ms/DIV
VBUS
2V/DIV
FLT
5V/DIV
IBUS
1A/DIV
8698S G29
VBUS RISING
VBUS FALLING
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
STATUS VBUS Threshold
8698S G31
SEL1-3 Deglitch
10ms/DIV
SEL1
1V/DIV
VBUS
2V/DIV
IBUS
1A/DIV
8698S G33
SEL2, SEL3 = FLOAT
TEST SIGNAL 400mV VP-P AT 480MHz
D–
D+
COMMON MODE VOLTAGE (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
5.0
5.2
5.4
5.6
5.8
6.0
6.2
6.4
6.6
to Ground, Switch On
Data Line Switch Capacitance
8698S G36
TEMPERATURE (˚C)
–50
1.5
0.6
1.4
1.2
1.0
0.8
1.3
1.1
0.9
0.7
0.5
50
125
8698S G32
150
25
100
0
75
–25
RISING
FALLING
FLOAT
RISING
FALLING
TEMPERATURE (˚C)
–50
2.5
5.5
4.5
3.5
6.0
5.0
4.0
3.0
2.0
50
125
0
8698S G35
150
25
100
75
–25
D+ AT 4V
D– AT 4V
D+ AT –0.1V
D– AT –0.1V
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
3.900
3.925
3.950
3.975
4.000
4.025
4.050
4.075
4.100
vs Temperature
INTVCC Voltage
8698S G34
VIN=12V, IBUS RISING
VIN=20V, IBUS RISING
VIN=12V, IBUS FALLING
VIN=20V, IBUS FALLING
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
90
95
100
105
110
115
120
125
130
STATUS IBUS Threshold
8698S G30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com