Electronic Components Datasheet Search
  English  ▼

X  

LT8697 Datasheet(PDF) 11 Page - Analog Devices

Part # LT8697
Description  5V 3A Output, 42V Input USB Charger with Cable Drop Compensation and Dataline Protection
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8697 Datasheet(HTML) 11 Page - Analog Devices

Back Button LT8697 Datasheet HTML 7Page - Analog Devices LT8697 Datasheet HTML 8Page - Analog Devices LT8697 Datasheet HTML 9Page - Analog Devices LT8697 Datasheet HTML 10Page - Analog Devices LT8697 Datasheet HTML 11Page - Analog Devices LT8697 Datasheet HTML 12Page - Analog Devices LT8697 Datasheet HTML 13Page - Analog Devices LT8697 Datasheet HTML 14Page - Analog Devices LT8697 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
LT8698S/LT8698S-1
11
Rev. A
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Radiated EMI Performance, (CISPR25 Radiated Emission with Peak Detector and Class 5 Peak Limit)
DC2688A Demo Board with EMI Filter Installed, VIN = 14V, IVBUS = 2.5A, fSW = 2MHz,
L = XFL4020-222, CVIN2 and CVIN3 Populated, LT8698S Only
Conducted EMI Performance
DC2688A Demo Board with EM Filter Installed, VIN = 14V, IVBUS = 2.5A, fSW = 2MHz,
L = XFL4020-222, CVIN2 and CVIN3 Populated, LT8698S Only
Vertical Polarization
Horizontal Polarization
TA = 25°C, VIN = 12V unless otherwise noted.
CLASS 5 PEAK LIMIT
SPREAD SPECTRUM MODE
FIXED FREQUENCY MODE
FREQUENCY (MHz)
0
100
200
300
400
500
600
700
800
900
1000
0
5
10
15
20
25
30
35
40
45
50
8698S G37
CLASS 5 PEAK LIMIT
SPREAD SPECTRUM MODE
FIXED FREQUENCY MODE
FREQUENCY (MHz)
0
100
200
300
400
500
600
700
800
900
1000
0
5
10
15
20
25
30
35
40
45
50
8698S G38
SPREAD SPECTRUM MODE
FIXED FREQUENCY MODE
FREQUENCY (MHz)
0
3
6
9
12
15
18
21
24
27
30
–40
–30
–20
–10
0
10
20
30
40
50
60
8698S G39
High Speed USB 2.0 Eye Diagram
DC2688A Demo Board, Measured at Test Plane 2 with Template 1 Waveform Requirements
TIME (ns)
–0.2
0.0
–0.4
0.0
0.2
0.4
0.5
1.0
1.5
2.0
8698S G40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com