Electronic Components Datasheet Search
  English  ▼

X  

LT8697 Datasheet(PDF) 30 Page - Analog Devices

Part # LT8697
Description  5V 3A Output, 42V Input USB Charger with Cable Drop Compensation and Dataline Protection
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8697 Datasheet(HTML) 30 Page - Analog Devices

Back Button LT8697 Datasheet HTML 26Page - Analog Devices LT8697 Datasheet HTML 27Page - Analog Devices LT8697 Datasheet HTML 28Page - Analog Devices LT8697 Datasheet HTML 29Page - Analog Devices LT8697 Datasheet HTML 30Page - Analog Devices LT8697 Datasheet HTML 31Page - Analog Devices LT8697 Datasheet HTML 32Page - Analog Devices LT8697 Datasheet HTML 33Page - Analog Devices LT8697 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
LT8698S/LT8698S-1
30
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
having been selected nor a USB connection made, select
2 cannot return a valid response. In this case, select state
2 indicates an invalid response with a 9ms oscillation on
the STATUS pin. Selecting any state other than select state
0, 1, or 2 clears the CDP connection information from the
internal register.
Refer to Figure 13 and Figure 14 for a timing diagram
of a successful CDP handshake sequence. Note, the
LT8698S will report an unsuccessful CDP session if a
portable device takes longer than 1 second to enumerate
and connect. Select 2 accuracy can depend on a portable
device's compliance to the USB specification, state, and
configuration.
SDP Modes of Operation
The LT8698S implements the USB BC 1.2 Specification
Standard Downstream Port (SDP). This is the most com-
mon USB host configuration and allows a device to draw
up to 500mA of charge current. Select state 3, 4, 5, 18,
19 and 20 activate various versions of the LT8698S SDP
modes. What is common to these states is the termination
pull-down resistors that LT8698S places from D+ and D–
to ground. The SDP modes differ by allowing the user to
open or close the dataline switches, to power VBUS, not
power VBUS or discharge VBUS. See Table 6.
For SDP modes of operation with VBUS in regulation
(select states 4 and 19), STATUS high indicates IBUS load
>120mA and STATUS low indicates IBUS load <100mA.
For SDP modes of operation with VBUS disabled (select
states 3 and 18), STATUS high indicates VBUS < 0.85V
and STATUS low indicates VBUS > 0.85V. For SDP modes
of operation with VBUS being discharged (select states 5
and 20), the STATUS pin indicates the discharge state.
Refer to the Bus Reset Modes of Operation section for
more details.
Data Pass Through Modes of Operation
The LT8698S implements several modes of operation that
close the dataline switches to allow data to pass through
the LT8698S but otherwise do not tie any resistor termi-
nation to the datalines. Select states 9, 10 and 11 activate
various versions of the data pass through modes. What is
common to these states is that the dataline switches are
closed. These data pass through modes differ by allow-
ing the user to power VBUS, not power VBUS or discharge
VBUS. See Table 6.
For data pass through mode of operation with VBUS in reg-
ulation (select state 10), STATUS high indicates IBUS load
> 120mA and STATUS low indicates IBUS load <100mA.
For data pass through mode of operation with VBUS dis-
abled (select state 9), STATUS high indicates VBUS < 0.5V
and STATUS low indicates VBUS > 0.85V. For data pass
through mode of operation with VBUS being discharged
(select state 11), the STATUS pin indicates the discharge
state. Refer to the Bus Reset Modes of Operation section
for more details.
Charger Modes of Operation
The LT8698S implements several common USB char-
ger profiles. These charger profiles have the datalines
switches open and do not allow data communication.
These charger profiles allow compatible devices to draw
IBUS current in excess of the 0.5A that a standard USB
socket allows. The LT8698S includes the USB BC 1.2
Dedicated Charger Port (DCP) profile and vendor propri-
etary 2.0A, 2.4A, 2.1A and 1.0A profiles. These profiles
tie various combinations of resistor dividers from VBUS to
the datalines or short the datalines together. See Table 6.
Select state 21 accesses the USB BC 1.2 DCP profile. This
mode of operation connects a 100Ω short from D+ to D–
and a 500kΩ resistor from D+ and D– to ground. This state
allows compatible devices to draw 1.5A of charge current.
Select state 22 accesses the 2.0A vendor charger profile.
This mode of operation connects a 100Ω short from D+
to D– and a 1.25V resistive divider from VBUS to D+ and
D–. This state allows compatible devices to draw 2.0A of
charge current.
Select State 24 accesses the 2.4A vendor charger profile.
This mode of operation connects two separate 2.7V resis-
tive dividers from VBUS to D+ and D–. This state allows
compatible devices to draw 2.4A of charge current.
Select State 25 accesses the 2.1A vendor charger profile.
This mode of operation connects a 2.7V resistive divider
from VBUS to D+ and a 2.0V resistive divider from VBUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com