Electronic Components Datasheet Search
  English  ▼

X  

LT8697 Datasheet(PDF) 1 Page - Analog Devices

Part # LT8697
Description  5V 3A Output, 42V Input USB Charger with Cable Drop Compensation and Dataline Protection
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8697 Datasheet(HTML) 1 Page - Analog Devices

  LT8697 Datasheet HTML 1Page - Analog Devices LT8697 Datasheet HTML 2Page - Analog Devices LT8697 Datasheet HTML 3Page - Analog Devices LT8697 Datasheet HTML 4Page - Analog Devices LT8697 Datasheet HTML 5Page - Analog Devices LT8697 Datasheet HTML 6Page - Analog Devices LT8697 Datasheet HTML 7Page - Analog Devices LT8697 Datasheet HTML 8Page - Analog Devices LT8697 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
LT8698S/LT8698S-1
1
Rev. A
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
5V 3A Output, 42V Input USB Charger with
Cable Drop Compensation and Dataline Protection
The LT®8698S is a compact, high efficiency, synchronous
monolithic step-down switching regulator designed to
power the 5V USB VBUS rail with up to 3A from an input
voltage as high as 42V. Programmable cable drop com-
pensation maintains accurate 5V VBUS regulation even for
USB sockets separated from the LT8698S by a long cable
such as an automobile wiring harness. Silent Switcher
Technology and selectable spread-spectrum modulation
provide ultralow EMI/EMC.
The LT8698S supports a wide variety of portable device
charger profiles including USB BC 1.2 CDP, DCP, and SDP
as well as common proprietary profiles. Integrated VBUS
reset and VBUS regulator disable functions support USB
OTG functionality.
The LT8698S’s robust high speed USB 2.0 data line
switches protect the upstream USB host µController
from short-circuit conditions up to 20V and ESD events
up to IEC61000-4-2 8kV contact discharge and 15kV air
discharge levels. Further VBUS monitor and fault protec-
tion features eliminate the need for a USB power switch.
The LT8698S includes two parallel 10nF capacitors from
VIN to PGND for improved EMI/EMC performance. The
LT8698S-1 does not include these capacitors.
Automotive Charger with High Speed Dataline Protection and Cable Drop Compensation
USB BC1.2 CDP Session
APPLICATIONS
n
Wide VIN Range Up to 42V
n
Programmable Cable Drop Compensation Provides
Accurate 5V Regulation to Remote USB Sockets
n
High Speed USB 2.0 Compliant Dataline Switches
n
Selectable Charger Profiles Including Major
Vendors’ and USB BC 1.2 Profiles
n
Silent Switcher®2 Technology and Selectable Spread-
Spectrum Modulation Provide Ultralow EMI
n
Robust Dataline Protection
n
Tolerant of Short Condition Up to 20V
n
ESD Protected Up to IEC61000-4-2 8kV
Contact Discharge and 15kV Air Discharge
n
Available Status and Fault Output Pins
n
Programmable and Synchronizable Switching
Frequency 300kHz to 3MHz
n
Selectable Forced Continuous or Pulse-Skipping Modes
n
Small 4mm × 6mm × 0.94mm LQFN Package with
0.75mm Spacing from VIN to GND Pins
n
AEC-Q100 Qualified for Automotive Applications
n
Automotive USB
n
Industrial USB
All registered trademarks and trademarks are the property of their respective owners.
3 METER
USB CABLE USB
SOCKET
RT
RCBL
SEL1-3
STATUS
EN/UV
INTVCC
FLT
LD–
LD+
HD–
HD+
USB5V
BUS/ISN
OUT/ISP
SW
LT8698S
GND PGND
CLAMP
8698S TA01
IMON
HIGH SPEED
USB 2.0 HOST
µCONTROLLER
0.1
0.1
VBUS
D+
D–
D+
D–
GND
VIN
VIN
6V TO 42V
IMON
1A/DIV
VBUS
2.5V/DIV
D+ – D–
2V/DIV
STATUS
5V/DIV
8698S TA01b
100ms/DIV


Similar Part No. - LT8697

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LT8697 LINEAR_DIMENSIONS-LT8697 Datasheet
481Kb / 28P
USB 5V 2.5A Output, 42V Input Synchronous Buck with Cable Drop Compensation
logo
Linear Technology
LT8697 LINER-LT8697 Datasheet
397Kb / 8P
USB 5V 2.5A Output, 42V Input Synchronous Buck with Cable Drop Compensation
logo
Linear Dimensions Semic...
LT8697EUDD LINEAR_DIMENSIONS-LT8697EUDD Datasheet
481Kb / 28P
USB 5V 2.5A Output, 42V Input Synchronous Buck with Cable Drop Compensation
LT8697IUDD LINEAR_DIMENSIONS-LT8697IUDD Datasheet
481Kb / 28P
USB 5V 2.5A Output, 42V Input Synchronous Buck with Cable Drop Compensation
logo
Linear Technology
LT8697 LINER-LT8697_15 Datasheet
495Kb / 30P
USB 5V 2.5A Output, 42V Input Synchronous Buck with Cable Drop Compensation
More results

Similar Description - LT8697

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DI-63 POWERINT-DI-63 Datasheet
368Kb / 2P
4.8 W CV/CC Charger with Output Cable-Drop Compensation
logo
National Semiconductor ...
LMZ14203 NSC-LMZ14203_1 Datasheet
1Mb / 18P
3A SIMPLE SWITCHER짰Power Module with 42V Maximum Input Voltage
logo
Linear Dimensions Semic...
LT8697 LINEAR_DIMENSIONS-LT8697 Datasheet
481Kb / 28P
USB 5V 2.5A Output, 42V Input Synchronous Buck with Cable Drop Compensation
logo
Monolithic Power System...
MP24971 MPS-MP24971 Datasheet
420Kb / 14P
1.5A, 50V, 100kHz, 5V Fixed Output Step- Down Converter with Programmable Current Limit and Output Line-Drop Compensation
logo
Linear Technology
LT3697 LINER-LT3697_15 Datasheet
445Kb / 32P
USB 5V, 2.5A Output, 35V Input Buck with Cable Drop Compensation
LT8697 LINER-LT8697_15 Datasheet
495Kb / 30P
USB 5V 2.5A Output, 42V Input Synchronous Buck with Cable Drop Compensation
logo
Monolithic Power System...
MP2499M MPS-MP2499M Datasheet
1Mb / 18P
36V, 3A Max, High-Efficiency, Synchronous, Step-Down Converter with Output Line Drop Compensation
logo
Linear Technology
LT8697 LINER-LT8697 Datasheet
397Kb / 8P
USB 5V 2.5A Output, 42V Input Synchronous Buck with Cable Drop Compensation
logo
Shaanxi Reactor Micro...
RM6334D REACTOR-RM6334D_1 Datasheet
632Kb / 3P
5V/3A charger/adapter application
logo
Maxim Integrated Produc...
MAX20047 MAXIM-MAX20047 Datasheet
898Kb / 29P
Dual 3A USB DCP Charger
2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com