Electronic Components Datasheet Search
  English  ▼

X  

LT8697 Datasheet(PDF) 5 Page - Analog Devices

Part # LT8697
Description  5V 3A Output, 42V Input USB Charger with Cable Drop Compensation and Dataline Protection
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8697 Datasheet(HTML) 5 Page - Analog Devices

  LT8697 Datasheet HTML 1Page - Analog Devices LT8697 Datasheet HTML 2Page - Analog Devices LT8697 Datasheet HTML 3Page - Analog Devices LT8697 Datasheet HTML 4Page - Analog Devices LT8697 Datasheet HTML 5Page - Analog Devices LT8697 Datasheet HTML 6Page - Analog Devices LT8697 Datasheet HTML 7Page - Analog Devices LT8697 Datasheet HTML 8Page - Analog Devices LT8697 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
LT8698S/LT8698S-1
5
Rev. A
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
USB BCS 1.2 CHARGING DOWNSTREAM PORT PROFILE
VDAT_REF
HD+ Data Detect Voltage
VHD+ Rising
0.25
0.32
0.40
V
HD+ Data Detect Hysteresis
45
mV
VIH
HD+, HD– Logic High
2.0
V
VIL
HD+, HD– Logic Low
0.8
V
VLGC
HD+, HD– Logic Threshold
0.8
1.4
2.0
V
VDM_SRC
HD– Voltage Source
IHD– = –100µA, VHD+ = 0.6V
0.5
0.6
0.7
V
IDP_SINK
HD+ Current Source
VHD+ = 0.6V
25
100
175
µA
VDAT_SINK
HD+ Data Sink Voltage
IHD+ = 25µA
0.06
0.15
V
TVDMSRC_EN HD– Voltage Source Enable Time
VHD+ = 0.6V
0.5
20
ms
TCON_IDPSNK_
DIS
HD+ Current Source Connect Disable
Time
VHD+ = 2V
0.75
10
ms
TVDPSRC_ON Minimum Accepted HD+ Voltage
Source On Time
VHD+ = 0.6V
32
40
ms
TVDMSRC_DIS HD– Voltage Source Disable Time
VHD+ = 0V
0.5
20
ms
Minimum Accepted HD+ Source
Voltage Off Time
VHD+ = 0V
32
40
ms
TSVLD_CON_
PWD
Maximum Accepted USB Connect
Time
VHD+, HD– = 0V
1
1.15
s
USB BCS 1.2 DEDICATED CHARGING PORT PROFILE
RDCP_DAT
Dataline Short Resistance
VHD+ = 0.6V, IHD– = –2.5mA
85
200
Ω
RDAT_LKG
Dataline Short Pull Down Resistance
300
500
kΩ
USB BCS 1.2 STANDARD DOWNSTREAM PORT PROFILE
RDP_DWN,
RDM_DWN
Dataline Termination Resistor
14.25
20
24.8
kΩ
2.4A CHARGER PROFILE
HD+ Voltage
VBUS/ISN = 5V
2.60
2.68
2.76
V
HD+ Output Resistance
23
kΩ
HD– Voltage
VBUS/ISN = 5V
2.60
2.68
2.76
V
HD– Output Resistance
23
kΩ
2.1A CHARGER PROFILE
HD+ Voltage
VBUS/ISN = 5V
2.60
2.68
2.76
V
HD+ Output Resistance
23
kΩ
HD– Voltage
VBUS/ISN = 5V
1.94
2.00
2.06
V
HD– Output Resistance
30
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com