Electronic Components Datasheet Search
  English  ▼

X  

LT8697 Datasheet(PDF) 15 Page - Analog Devices

Part # LT8697
Description  5V 3A Output, 42V Input USB Charger with Cable Drop Compensation and Dataline Protection
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8697 Datasheet(HTML) 15 Page - Analog Devices

Back Button LT8697 Datasheet HTML 11Page - Analog Devices LT8697 Datasheet HTML 12Page - Analog Devices LT8697 Datasheet HTML 13Page - Analog Devices LT8697 Datasheet HTML 14Page - Analog Devices LT8697 Datasheet HTML 15Page - Analog Devices LT8697 Datasheet HTML 16Page - Analog Devices LT8697 Datasheet HTML 17Page - Analog Devices LT8697 Datasheet HTML 18Page - Analog Devices LT8697 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
LT8698S/LT8698S-1
15
Rev. A
For more information www.analog.com
OPERATION
The LT8698S is a highly efficient synchronous, monolithic
USB charger with cable drop compensation and robust USB
dataline protection. As such, the LT8698S includes a switch-
ing regulator optimized for powering the 5V USB VBUS rail
and two analog switches that tie to the high speed USB 2.0
datalines to provide fault and ESD protection to the upstream
USB host IC. Finally, the LT8698S includes many USB charger
profiles to allow high current charging of portable devices.
The LT8698S regulator is a monolithic, constant frequency,
peak current mode step-down DC/DC converter. An oscillator,
with frequency set using a resistor on the RT pin, turns on the
internal top power switch at the beginning of each clock cycle.
Current in the inductor then increases until the top switch
current comparator trips and turns off the top power switch.
The peak inductor current at which the top switch turns off is
controlled by the voltage on the VC node. The error amplifier
compares the output voltage on the USB5V pin through an
internal resistor divider to an internal reference and servos
the VC node to regulate the USB5V pin to 5V. When the load
current increases it causes a reduction in the feedback voltage
relative to the reference leading the error amplifier to raise
the VC voltage until average inductor current matches the
new load current. When the top power switch turns off, the
synchronous bottom power switch turns on until the next
clock cycle begins or inductor current falls to zero when not
in forced continuous mode. If overload conditions result in a
current higher than the bottom switch current limit flowing
in the bottom switch, the next clock cycle will be delayed
until switcher current returns to a safe level. In addition, dur-
ing a fault condition in which USB5V is shorted to ground,
the BUS/ISN voltage is regulated to 6.05V to limit the output
voltage to a safe level for connected devices. Finally, during
an output fault condition, the LT8698S provides an accurate,
average output current limit using an external sense resistor
connected across the OUT/ISP and BUS/ISN pins.
The LT8698S includes cable drop compensation to provide
5V regulation of the VBUS rail at the end of a long, resistive
cable even with high load current. To implement cable
drop compensation, the LT8698S drives the RCBL pin to
46 • (VOUT/ISP - VBUS/ISN). Current sourced from the RCBL
pin through the RCBL resistor is derived from the USB5V
pin, creating an output offset across the RCDC resistor
above the 5V USB5V pin voltage that is proportional to
the RCDC/RCBL resistor ratio.
The “S” in the LT8698S part name refers to the second
generation Silent Switcher Technology. This technology
allows fast switching edges for high switching regulator
efficiency at high switching frequency, while simultane-
ously achieving good EMI performance. This technology
includes the integration of ceramic capacitors into the
package for the VIN, INTVCC and BST (C1 to C4 in the
Block Diagram). These capacitors keep all of the AC cur-
rent loops small which improves EMI performance. The
LT8698S-1 does not include integrated ceramic capaci-
tors tied to VIN.
An EN/UV pin voltage above 1.46V enables the switch-
ing regulator, dataline switches and associated circuitry.
An EN/UV pin voltage below 1.31V stops switching and
opens the dataline switches. EN/UV pin voltage below
0.25V reduces VIN current to <1µA.
The LT8698S operates primarily in forced continuous
mode (FCM) for fast transient response and full frequency
operation over a wide load range. To improve regulator
efficiency at light load, the LT8698S can operate in pulse-
skip mode (PSK). PSK reduces the switching frequency
at light load current and reduces VIN quiescent current
between pulses. Ground the SYNC/MODE pin for PSK
operation, float it for FCM operation or apply a DC voltage
higher than 3.2V to use FCM with spread spectrum modu-
lation (SSM). If a clock is applied to the SYNC/MODE pin,
the internal oscillator will synchronize to the external clock
frequency and operate in FCM. While in FCM the oscilla-
tor operates continuously and rising SW transitions are
aligned to the clock. During light loads, the inductor cur-
rent is allowed to go negative to maintain the programmed
switching frequency. The LT8698S can sink current from
the output, improving the load step response. Minimum
current limits for both power switches are enforced to
prevent large negative inductor current from flowing back
into the input. SSM dithers the switching frequency from
the programmed value set by the RT pin up to 20% higher
than the programmed value to spread out the switching
energy in the frequency domain.
Comparators monitoring the USB5V pin voltage will pull
the FLT pin low if the output voltage varies more than
±7% (typical) from the set point, or if a power supply fault
condition is present.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com