Electronic Components Datasheet Search
  English  ▼

X  

LT8697 Datasheet(PDF) 6 Page - Analog Devices

Part # LT8697
Description  5V 3A Output, 42V Input USB Charger with Cable Drop Compensation and Dataline Protection
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8697 Datasheet(HTML) 6 Page - Analog Devices

Back Button LT8697 Datasheet HTML 2Page - Analog Devices LT8697 Datasheet HTML 3Page - Analog Devices LT8697 Datasheet HTML 4Page - Analog Devices LT8697 Datasheet HTML 5Page - Analog Devices LT8697 Datasheet HTML 6Page - Analog Devices LT8697 Datasheet HTML 7Page - Analog Devices LT8697 Datasheet HTML 8Page - Analog Devices LT8697 Datasheet HTML 9Page - Analog Devices LT8697 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
LT8698S/LT8698S-1
6
Rev. A
For more information www.analog.com
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
1A CHARGER PROFILE
HD+ Voltage
VBUS/ISN = 5V
1.94
2.00
2.06
V
HD+ Output Resistance
30
kΩ
HD– Voltage
VBUS/ISN = 5V
2.60
2.68
2.76
V
HD– Output Resistance
23
kΩ
2A CHARGER PROFILE
HD+, HD– Voltage
VBUS/ISN = 5V
1.2
1.25
1.35
V
HD+, HD– Output Resistance
7.5
kΩ
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 2)
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT8698SE and LT8698SE-1 are guaranteed to meet
performance specifications from 0˚C to 125°C junction temperature.
Specifications over the −40°C to 125°C operating junction temperature
range are assured by design, characterization and correlation with
statistical process controls. The LT8698SJ and LT8698SJ-1 are
guaranteed over the full −40°C to 150°C operating temperature range.
High junction temperatures degrade operating lifetime. Operating lifetime
is de-rated at junction temperatures greater than 125°C. The junction
temperature (TJ in °C) is calculated from the ambient temperature (TA in
°C) and power dissipation (PD in Watts) according to the formula:
TJ = TA + (PD • θJA)
where θJA (in °C/W) is the package thermal impedance.
Note 3: This IC includes overtemperature protection that is intended to
protect the device during overload conditions. Junction temperature will
exceed 150°C when overtemperature protection is active. Continuous
operation above the specified maximum operating junction temperature
will reduce lifetime.
Note 4: DUT configured in closed loop test circuit similar to page 36 CDP
charger application circuit.
Note 5: Parameter not tested in production.
Note 6: θ values are determined by simulation per JESD51 conditions,
except θJA value is determined by simulation with demo board. See
Applications Information section for more information on PCB layout
considerations and example thermal data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com