Electronic Components Datasheet Search
  English  ▼

X  

LT8697 Datasheet(PDF) 14 Page - Analog Devices

Part # LT8697
Description  5V 3A Output, 42V Input USB Charger with Cable Drop Compensation and Dataline Protection
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8697 Datasheet(HTML) 14 Page - Analog Devices

Back Button LT8697 Datasheet HTML 10Page - Analog Devices LT8697 Datasheet HTML 11Page - Analog Devices LT8697 Datasheet HTML 12Page - Analog Devices LT8697 Datasheet HTML 13Page - Analog Devices LT8697 Datasheet HTML 14Page - Analog Devices LT8697 Datasheet HTML 15Page - Analog Devices LT8697 Datasheet HTML 16Page - Analog Devices LT8697 Datasheet HTML 17Page - Analog Devices LT8697 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
LT8698S/LT8698S-1
14
Rev. A
For more information www.analog.com
BLOCK DIAGRAM
–
+
VIN
VIN
BST
SW
PGND
CINTVCC
INTVCC
VIN
CVIN
REN1
EN/UV
INTERNAL REFERENCE
AND 4V REGULATOR
1.2V
4V
VC
PULSE
SKIP
LOGIC
1.2V
USBFB
USB5V
DRIVER
SLOPE
COMP
C1 2x
10nF
C2
0.1F
C3
0.1µF
SHDN
REN2
1.12V
USBFB
–
+
+
–
–
+
–
+
+
–
+
–
1.30V
1.2V
BUS/ISN
1.2V
VMON
SWITCH
LOGIC
AND
ANTI-
SHOOT
THROUGH
HD+
HD–
L1
RSEN
RCDC
COUT
CCDC
OUT/ISP
BUS/ISN
USB5V
VMON
46R
FLT
RT
2.8V
5µA
SYNC/MODE
SEL1
RCBL
STATUS
RCBL
BUS/ISN
10mA
4V
R
R
VBUS
CLAMP
C4
0.1F
CCLMP
8698S BD
DATA LINES
TO USB SOCKET
RT
SEL2
SEL3
LD+
LD–
OSCILLATOR
300kHz TO 3MHz
FAULT
LOGIC
INTVCC
INTVCC
INTVCC
INTVCC
CHARGER
PROFILE
MUX
FIXED
OSCILLATOR
DATA LINES
TO µCONTROLLER
GND
CHARGER
CONTROL
LT8698S Only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com