Electronic Components Datasheet Search
  English  ▼

X  

LT8697 Datasheet(PDF) 19 Page - Analog Devices

Part # LT8697
Description  5V 3A Output, 42V Input USB Charger with Cable Drop Compensation and Dataline Protection
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8697 Datasheet(HTML) 19 Page - Analog Devices

Back Button LT8697 Datasheet HTML 15Page - Analog Devices LT8697 Datasheet HTML 16Page - Analog Devices LT8697 Datasheet HTML 17Page - Analog Devices LT8697 Datasheet HTML 18Page - Analog Devices LT8697 Datasheet HTML 19Page - Analog Devices LT8697 Datasheet HTML 20Page - Analog Devices LT8697 Datasheet HTML 21Page - Analog Devices LT8697 Datasheet HTML 22Page - Analog Devices LT8697 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
the same current as the output. Since the local ground
at the LT8698S is separated by a current carrying cable
from the remote ground at the point of load, the ground
reference points for these two locations are different.
Use a differential probe across the remote output at the
end of the cable to measure output voltage at that point,
as shown in Figure 4b. Do not simultaneously tie an oscil-
loscope’s probe ground leads to both the local LT8698S
ground and the remote point of load ground, as shown
in Figure 4a. Doing so will result in high current flow
in the probe ground lines and a strange and incorrect
measurement. Figure 4c shows this strange behavior. A
1.3A load step is applied to the LT8698S output through
3 meters of AWG 24 twisted-pair cable. On one curve, the
resultant output voltage is measured correctly using a dif-
ferential probe tied across the point of load. On the other
curve, the oscilloscope ground lead is tied to the remote
ground. This poor probing causes both a DC error due to
the lower ground return resistance and an AC error show-
ing increased overshoot. Do not add your oscilloscope,
lab bench, and input power supply ground lines into your
measurement of the LT8698S remote output.
Reducing Output Overshoot
A consequence of the use of cable drop compensation is
that the local output voltage at the LT8698S BUS/ISN pin
is regulated to a voltage that is higher than the remote
output voltage at the point of load. Several hundred mΩ
of line resistance can separate these two outputs, so at 2A
of load current, VBUS/ISN may be up to 1.05V higher than
the nominal 5V output at the point of load. Ensure that any
components tied to the LT8698S output can withstand
this increased voltage.
The LT8698S has several features designed to mitigate
any effects of higher output voltage due to cable drop
compensation. First, the LT8698S error amplifier, in addi-
tion to regulating the voltage on the USB5V pin to 5V
for the primary output, also regulates the BUS/ISN pin
voltage to less than 6.05V. This 6.05V upper limit on the
maximum BUS/ISB voltage protects components tied to
the LT8698S output such as a portable device from an
overvoltage condition, but reduces the possible amount
of cable drop compensation to 1.05V.
LT8698S/LT8698S-1
19
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
(a)
20µs/DIV
VLOAD through
0.5Ω Resistor
200mV/DIV
VLOAD through
0.5Ω Cable
200mV/DIV
IBUS
0.5A/DIV
8698S F03a
(b)
LOAD AT END OF 3M AWG 24 CABLE
40µs/DIV
VLOAD without
CLOAD
200mV/DIV
VLOAD with
10µF CLOAD
200mV/DIV
ILOAD
500mA/DIV
8698S F3b
Figure 3. Effect of Cable Inductance on Load Step
Transient Response
Figure 3b shows the effect of remote capacitance at the
load side of the cable on the LT8698S transient response.
The load step is a 60mA/µs, 0.5A load step through a 0.5Ω,
3 meter long cable. Without remote capacitance CLOAD at
the load step location, there is no LC tank and therefore
no observed ringing. In this case, given 100% of the dI/dt
of the load step occurs across the cable resistance R and
inductance L, the peak to peak VLOAD deviation is ±300mV.
When 10µF of remote CLOAD is added at the load step loca-
tion, the cable L and load capacitance form a tank circuit
leading to modest ringing. In this case, given the effective
dI/dt across the cable R and L is reduced, the peak to peak
VLOAD deviation is reduced to less than ±250mV.
Probing a Remote Output Correctly
Take care when probing the LT8698S’s remote output
to obtain correct results. With cable drop compensation
the local regulator output has a different voltage than
the remote output at the end of a cable due to the cable
resistance and high load current. The same is true for the
ground return line which also has resistance and carries



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com