Electronic Components Datasheet Search
  English  ▼

X  

LT8697 Datasheet(PDF) 22 Page - Analog Devices

Part # LT8697
Description  5V 3A Output, 42V Input USB Charger with Cable Drop Compensation and Dataline Protection
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8697 Datasheet(HTML) 22 Page - Analog Devices

Back Button LT8697 Datasheet HTML 18Page - Analog Devices LT8697 Datasheet HTML 19Page - Analog Devices LT8697 Datasheet HTML 20Page - Analog Devices LT8697 Datasheet HTML 21Page - Analog Devices LT8697 Datasheet HTML 22Page - Analog Devices LT8697 Datasheet HTML 23Page - Analog Devices LT8697 Datasheet HTML 24Page - Analog Devices LT8697 Datasheet HTML 25Page - Analog Devices LT8697 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
LT8698S/LT8698S-1
22
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
where VIN(MAX) is the maximum input voltage without
skipped cycles, VOUT/ISP is the output voltage at OUT/ISP,
and tON(MIN) is the minimum top switch on-time of about
30ns. This equation shows that a slower switching frequency
is necessary to accommodate a high VIN/VOUT/ISP ratio.
For transient operation, VIN may go as high as the abso-
lute maximum rating of 42V regardless of the RT value;
however the LT8698S will reduce switching frequency
as necessary to maintain control of inductor current to
assure safe operation.
The LT8698S is capable of a maximum duty cycle of
greater than 99%, and the VIN to VBUS/ISN dropout is lim-
ited by the RDS(ON) of the top switch. Operating in this
region results in lower switching frequency.
The highest switching frequency (fSW(MAX)) for a given
application before min off-time limited can be calculated
using Equation 6.
fSW(MAX) =
1
tOFF(MIN)
–
VOUT/ISP
tOFF(MIN)•VIN(MIN)
⎛
⎝
⎜⎜
⎞
⎠
⎟⎟•1000
(6)
where VIN(MIN) is the minimum input voltage without
skipped cycles, VOUT/ISP is the output voltage at OUT/ISP,
and tOFF(MIN) is the minimum switch off-time of 40ns.
Note that higher switching frequency will increase the
minimum input voltage for full frequency operation.
Inductor Selection and Maximum Output Current
The LT8698S is designed to minimize solution size by
allowing the inductor to be chosen based on the output
load requirements of the application. During overload
or short-circuit conditions the LT8698S safely tolerates
operation with a saturated inductor through the use of a
high speed peak-current mode architecture.
Based on the desired switching frequency, pick an induc-
tor for the LT8698S according to Table 3.
Table 3 lists nominal values for inductors. Inductors are
typically de-rated versus current, versus temperature and
have a tolerance spec. This table assumes the inductance
in the application will not be 40% less than the nominal
value at worst case operating conditions and tolerance.
For robust operation, use an inductor with value equal to
or greater than the value on Table 3.
Table 3. Inductor Value by Switching Frequency
SWITCHING FREQUENCY
(MHz)
MINIMUM NOMINAL INDUCTOR VALUE
(µH)
2.4 – 3.0
1.5
1.9 – 2.4
2.2
1.3 – 1.9
3.3
0.89 – 1.3
4.7
0.61 – 0.89
6.8
0.51 – 0.61
8.2
0.30 – 0.51
10
Table 4 lists inductor vendors and associated inductor
product series names that are recommended for use with
the LT8698S.
Table 4. Inductor Manufacturers
VENDOR
SERIES
WEBSITE
TDK
SLF, VLC, VLF
www.tdk.com
Sumida
CRH, CDR, CDMC
www.sumida.com
Coilcraft
XAL, XFL, MSS
www.coilcraft.com
NIC
NPIM, NPIS
www.niccomp.com
Würth
TPC, SPC, PD, PDF, PD3
www.we-online.com
Input Capacitor
Bypass the input of the LT8698S circuit with a ceramic
capacitor with the appropriate temperature and voltage
rating, placed as close as possible to the VIN and PGND
pins. Y5V types have poor performance over temperature
and applied voltage, and should not be used. A 2.2μF
to 4.7μF ceramic capacitor is adequate to bypass the
LT8698S and will easily handle the ripple current. Note
that larger input capacitance is required when a lower
switching frequency is used. If the input power source has
high impedance, or there is significant inductance due to
long wires or cables, additional bulk capacitance may be
necessary. This can be provided with a low performance
electrolytic capacitor.
Step-down regulators draw current from the input supply in
pulses with very fast rise and fall times. The input capaci-
tor is required to reduce the resulting voltage ripple at the
LT8698S and to force this very high frequency switching



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com