Electronic Components Datasheet Search
  English  ▼

X  

LT8697 Datasheet(PDF) 18 Page - Analog Devices

Part # LT8697
Description  5V 3A Output, 42V Input USB Charger with Cable Drop Compensation and Dataline Protection
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8697 Datasheet(HTML) 18 Page - Analog Devices

Back Button LT8697 Datasheet HTML 14Page - Analog Devices LT8697 Datasheet HTML 15Page - Analog Devices LT8697 Datasheet HTML 16Page - Analog Devices LT8697 Datasheet HTML 17Page - Analog Devices LT8697 Datasheet HTML 18Page - Analog Devices LT8697 Datasheet HTML 19Page - Analog Devices LT8697 Datasheet HTML 20Page - Analog Devices LT8697 Datasheet HTML 21Page - Analog Devices LT8697 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
LT8698S/LT8698S-1
18
Rev. A
For more information www.analog.com
of about 4000ppm/°C results in an output voltage error of
294mV at 125°C and 191mV at –40°C. Figure 2a shows
this behavior.
See Table 1 for a list of copper wire resistances vs gauge.
Table 1. Copper Wire Resistance vs Wire Gauge
AWG
RESISTANCE OF CU WIRE AT 20°C (mΩ/m)
15
10.4
16
13.2
17
16.6
18
21.0
19
26.4
20
33.3
21
42.0
22
53.0
23
66.8
24
84.2
25
106
26
134
27
169
28
213
29
268
30
339
31
427
32
538
33
679
34
856
35
1080
36
1360
37
1720
38
2160
39
2730
40
3440
Cable drop compensation can be made to vary positively
versus temperature with the addition of a negative tem-
perature coefficient (NTC) resistor as a part of the RCBL
resistance. This circuit idea assumes the NTC resistor is
at the same temperature as the cable. Figure 2b shows
an example resistor network for RCBL that matches cop-
per resistance variation over a wide –40°C to 150°C tem-
perature range. Figure 2c shows the resultant cable drop
compensation output at several temperatures using RCBL
with negative temperature variation.
APPLICATIONS INFORMATION
The NTC resistor does not give a perfectly linear transfer
function versus temperature. Here, for typical component
values, the worst case error is <20% of the cable compen-
sation output, or <4% of the total output voltage accuracy.
Better output voltage accuracy versus temperature can
be achieved if RCBL resistor values are optimized for a
narrower temperature range.
Effect of Cable Inductance on Load Step Transient
Response
The inductance of long cabling limits the peak-to-peak
transient performance of a 2-wire sense regulator to fast
load steps (see Figure 3). Since a 2-wire sense regulator
like the LT8698S detects the output voltage at its local
output and not at the point of load, the load step response
degradation due to cable inductance is present even with
cable resistance compensation. The local regulator output
capacitor and the input capacitor of the remote load form
a LC tank circuit through the inductive cabling between
them. Fast load steps through long cabling show a large
peak-to-peak transient response and ringing at the reso-
nant frequency of the circuit. This ringing is a property
of the LC tank circuit and does not indicate regulator
instability.
Figure 3a shows the LT8698S load step transient response
to a 125mA/µs, 0.5A load step. Two cable impedances are
compared: resistive only and then resistive plus inductive.
First, a surface mount 0.5Ω resistor is tied between the
LT8698S output and the load step generator. This resis-
tor stands in for a purely resistive “cable”. Second, AWG
24 twisted-pair cabling 3 meters long with 0.5Ω of total
resistance and about 0.8µH of inductance is connected
between the LT8698S output and the load step genera-
tor. Even though the resistance in these two circuits is
the same, the transient load step response in the cable
is worse due to the inductance. The degree that cable
inductance degrades LT8698S load transient response
performance depends on the inductance of the cable and
on the load step rate. Long cables have higher inductance
than short cables. Cables with less separation between
supply and return conductor pairs show lower inductance
per unit length than those with separated conductors. A
faster load step rate exacerbates the effect of inductance
on load step response.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com