Electronic Components Datasheet Search
  English  ▼

X  

LT8697 Datasheet(PDF) 17 Page - Analog Devices

Part # LT8697
Description  5V 3A Output, 42V Input USB Charger with Cable Drop Compensation and Dataline Protection
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8697 Datasheet(HTML) 17 Page - Analog Devices

Back Button LT8697 Datasheet HTML 13Page - Analog Devices LT8697 Datasheet HTML 14Page - Analog Devices LT8697 Datasheet HTML 15Page - Analog Devices LT8697 Datasheet HTML 16Page - Analog Devices LT8697 Datasheet HTML 17Page - Analog Devices LT8697 Datasheet HTML 18Page - Analog Devices LT8697 Datasheet HTML 19Page - Analog Devices LT8697 Datasheet HTML 20Page - Analog Devices LT8697 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
LT8698S/LT8698S-1
17
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
Short USB5V to the VBUS output if no cable drop com-
pensation is desired.
The LT8698S limits the maximum voltage of VBUS by limiting
the voltage on the BUS/ISN pin to 6.05V. If the cable drop
compensation is programmed to compensate for more than
1.05V of cable drop at the maximum IBUS, this limit will pre-
vent VBUS/ISN from rising higher and the voltage at the point
of load VBUS will drop below 5V. Equation 2 shows how to
derive the LT8698S output voltage.
VOUT =5V+
46 •IBUS •RSEN •RCDC
RCBL
(2)
Refer to Figure 1 for load lines of VBUS/ISN and VBUS to see
how cable drop compensation works.
Figure 1. Example Cable Drop Compensation Load Line
VIN = 12V
RSEN = 10mΩ
RCBL = 1.82k
VBUS
VLOAD
LOAD CURRENT (A)
0
0.5
1
1.5
2
2.5
3
4.50
4.75
5.00
5.25
5.50
5.75
6.00
6.25
6.50
8698S F01
Cable Drop Compensation Over a Wide
Temperature Range
Cable drop compensation with zero temperature variation
may be used in many applications (see Figure 2a,b,c).
However, matching the cable drop compensation temper-
ature variation to the cable resistance temperature varia-
tion may result in better overall output voltage accuracy
over a wide operating temperature range. For example, in
an application with 0.49Ω of wire resistance and a maxi-
mum output current of 1.5A, cable drop compensation
adds 0.735V at 25°C to the output at max load for a fully
compensated wire resistance. If the wire in this example
is copper, the copper resistance temperature coefficient
(a) Cable Drop Compensation Through 3m of AWG 24 Twisted-
Pair Cable (490mΩ) without Temperature Compensation
IBUS = 1.5A
RCBL = 1.87k
VBUS
VLOAD
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
4.2
4.4
4.6
4.8
5.0
5.2
5.4
5.6
5.8
6.0
6.2
8698S F02a
1.45k
1%
RCBL
8698S F02b
11k
1%
MURATA
NCP15XC680E03RC
68 THERMISTOR
(b) RCBL Resistor Network for Matching Copper
Wire Temperature Coefficient
(c) Cable Drop Compensation Through 3m of AWG
24 Twisted-Pair Cable (490Ω) with Temperature
Compensation Using NTC RCBL
IBUS = 1.5A
RCBL = Figure 2b
VBUS
VLOAD
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
4.2
4.4
4.6
4.8
5.0
5.2
5.4
5.6
5.8
6.0
6.2
8698S F2c
Figure 2. Cable Drop Compensation Applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com