Electronic Components Datasheet Search
  English  ▼

X  

LT8697 Datasheet(PDF) 12 Page - Analog Devices

Part # LT8697
Description  5V 3A Output, 42V Input USB Charger with Cable Drop Compensation and Dataline Protection
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8697 Datasheet(HTML) 12 Page - Analog Devices

Back Button LT8697 Datasheet HTML 8Page - Analog Devices LT8697 Datasheet HTML 9Page - Analog Devices LT8697 Datasheet HTML 10Page - Analog Devices LT8697 Datasheet HTML 11Page - Analog Devices LT8697 Datasheet HTML 12Page - Analog Devices LT8697 Datasheet HTML 13Page - Analog Devices LT8697 Datasheet HTML 14Page - Analog Devices LT8697 Datasheet HTML 15Page - Analog Devices LT8697 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
LT8698S/LT8698S-1
12
Rev. A
For more information www.analog.com
PIN FUNCTIONS
GND (Pins 1, 11, 14, 17, 23): The GND pins are the
return side of the internal control circuits and must be
tied to ground. All GND and PGND pins are internally
shorted together.
INTVCC (Pin 2): INTVCC is the bypass pin of the internal 4V
linear regulator. This pin powers the internal power switch
gate drivers and control circuits. INTVCC may be loaded
by external termination resistors up to 1mA. For reliable
operation, do not overload INTVCC. Bypass this pin to
ground with a 1µF low ESR ceramic capacitor placed close
to the LT8698S.
EN/UV (Pin 3): EN/UV is the enable and programmable
undervoltage lockout pin. The LT8698S is shut down
when the EN/UV pin is below its threshold and enabled
when above. The threshold voltage is 1.46V with EN/UV
rising and 1.31V with EN/UV falling. EN/UV below 0.25V
reduces the VIN current to <1μA. An external resistor
divider from VIN can be used to program an undervolt-
age lockout threshold below which the LT8698S will shut
down. See the Applications Information section for addi-
tional information. Tie EN/UV to VIN if not used.
FLT (Pin 4): FLT is the open drain output of the internal
fault logic. FLT pulls low after 4.2ms of a sustained fault
condition in which the output voltage is not is regulation.
FLT pulls low immediately if INTVCC < 3.6V or if the inter-
nal thermal shutdown feature activates. FLT transitions to
high impedance after 4.2ms in the sustained absence of
a fault condition. FLT is valid when VIN > 4.5V and EN/UV
> 1.46V. Float FLT if not used.
STATUS (Pin 5): STATUS is an open drain output indicator.
The STATUS pin function depends on the state selected by
the SEL1-3 pins. Refer to Table 6 for more information.
STATUS is de-bounced for 4.2ms and is valid when VIN >
4.5V and EN/UV > 1.46V. Float STATUS if not used.
SEL1, SEL2, SEL3 (Pins 6-8): SEL1-3 are tristate input
pins used to select the desired USB functionality of the
LT8698S. Refer to Table 6 in the Applications Information
section for detailed information. Tie below 0.58V for logic
low, above 1.41V for logic high and float for tristate. Keep
leakage currents under 1µA for robust tristate detection.
The SEL1-3 pins are de-bounced for 1.5ms for robust
transitions between USB states.
RT (Pin 9): RT is the switching frequency programming
pin. Tie a resistor from RT to ground to select the switch-
ing frequency. See the Applications Information section
for additional information.
SYNC/MODE (Pin 10): SYNC/MODE is the clock synchro-
nization and mode selection input pin. Ground SYNC/
MODE for pulse-skipping mode. Tie to a clock source
for synchronization to an external frequency and forced
continuous mode. Float for forced continuous mode with
RT programing the switching frequency. Tie to INTVCC for
forced continuous mode with spread-spectrum modula-
tion of the switching frequency for improved EMI/EMC
performance.
LD+ (Pin 12): LD+ is the low voltage host side of the
internal USB D+ dataline switch. Float this pin if not used.
LD– (Pin 13): LD– is the low voltage host side of the
internal USB D– dataline switch. Float this pin if not used.
HD– (Pin 15): HD– is the high voltage USB cable and
device side of the internal USB D– dataline switch. Both
dataline switches are disconnected if HD– > 4.5V. Float
this pin if not used.
HD+ (Pin 16): HD+ is the high voltage USB cable and
device side of the internal USB D+ dataline switch. Both
dataline switches are disconnected if HD+ > 4.5V. Float
this pin if not used.
CLAMP (Pin 18): Bypass CLAMP with a 0.1µF 20V or
greater low ESR capacitor to ground.
RCBL (Pin 19): RCBL is the cable drop compensation pro-
gramming pin. A resistor RCBL tied from RCBL to ground
programs the cable drop compensation by setting the
USB5V input current. RCBL can source 2mA. Excessive
capacitive loading on RCBL can degrade load transient
response. Isolate load capacitance on this pin by tying a
100k resistor between RCBL and the capacitive load. The
RCBL load monitor output is valid when the LT8698S is
enabled; otherwise the output is low. See the Applications
Information section for additional information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com