Electronic Components Datasheet Search
  English  ▼

X  

AT90PWM2 Datasheet(PDF) 260 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 260 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 256Page - ATMEL Corporation AT90PWM2 Datasheet HTML 257Page - ATMEL Corporation AT90PWM2 Datasheet HTML 258Page - ATMEL Corporation AT90PWM2 Datasheet HTML 259Page - ATMEL Corporation AT90PWM2 Datasheet HTML 260Page - ATMEL Corporation AT90PWM2 Datasheet HTML 261Page - ATMEL Corporation AT90PWM2 Datasheet HTML 262Page - ATMEL Corporation AT90PWM2 Datasheet HTML 263Page - ATMEL Corporation AT90PWM2 Datasheet HTML 264Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 365 page
background image
260
AT90PWM2/3
4317B–AVR–02/05
ADC Result Data Registers –
ADCH and ADCL
When an ADC conversion is complete, the conversion results are stored in these two
result data registers.
When the ADCL register is read, the two ADC result data registers can’t be updated until
the ADCH register has also been read.
Consequently, in 10-bit configuration, the ADCL register must be read first before the
ADCH.
Nevertheless, to work easily with only 8-bit precision, there is the possibility to left adjust
the result thanks to the ADLAR bit in the ADCSRA register. Like this, it is sufficient to
only read ADCH to have the conversion result.
ADLAR = 0
ADLAR = 1
Digital Input Disable Register
0 – DIDR0
0
0
1
1
Timer/Counter0 Compare Match
0
1
0
0
Timer/Counter0 Overflow
0
1
0
1
Timer/Counter1 Compare Match B
0
1
1
0
Timer/Counter1 Overflow
0
1
1
1
Timer/Counter1 Capture Event
1
0
0
0
PSC0ASY Event
1
0
0
1
PSC1ASY Event
1
0
1
0
PSC2ASY Event
1
0
1
1
Analog comparator 1
1
1
0
0
Analog comparator 2
11
01
Reserved
11
10
Reserved
11
11
Reserved
Table 103. ADC Auto Trigger Source Selection
ADTS3
ADTS2
ADTS1
ADTS0
Description
Bit
7
65
43
21
0
-
-
----
ADC9
ADC8
ADCH
ADC7
ADC6
ADC5
ADC4
ADC3
ADC2
ADC1
ADC0
ADCL
Read/Write
R
R
R
R
R
R
R
R
R
RRR
R
R
R
R
Initial Value
0
0
0
0
0
0
0
0
0
0
0
0
00
00
Bit
7
65
43
21
0
ADC9
ADC8
ADC7
ADC6
ADC5
ADC4
ADC3
ADC2
ADCH
ADC1
ADC0
-
-
-
-
-
-
ADCL
Read/Write
R
R
R
R
R
R
R
R
R
RRR
R
R
R
R
Initial Value
0
0
0
0
0
0
0
0
0
0
0
0
00
00
Bit
765
432
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com