Electronic Components Datasheet Search
  English  ▼

X  

AT90PWM2 Datasheet(PDF) 262 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 262 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 258Page - ATMEL Corporation AT90PWM2 Datasheet HTML 259Page - ATMEL Corporation AT90PWM2 Datasheet HTML 260Page - ATMEL Corporation AT90PWM2 Datasheet HTML 261Page - ATMEL Corporation AT90PWM2 Datasheet HTML 262Page - ATMEL Corporation AT90PWM2 Datasheet HTML 263Page - ATMEL Corporation AT90PWM2 Datasheet HTML 264Page - ATMEL Corporation AT90PWM2 Datasheet HTML 265Page - ATMEL Corporation AT90PWM2 Datasheet HTML 266Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 365 page
background image
262
AT90PWM2/3
4317B–AVR–02/05
Then, the ADSC bit of the ADCSRA Register is set on the next amplifier clock event,
and a conversion is started.
Until the conversion is not achieved, it is not possible to start a conversion on another
channel.
In order to have a better understanding of the functioning of the amplifier synchroniza-
tion, a timing diagram example is shown Figure 129.
Figure 129. Amplifier synchronization timing diagram
It is also possible to auto trigger conversion on the amplified channel. In this case, the
conversion is started at the next amplifier clock event following the last auto trigger
event selected thanks to the ADTS bits in the ADCSRB register. In auto trigger conver-
sion, the free running mode is not possible unless the ADSC bit in ADCSRA is set by
soft after each conversion.
Valid sample
Delta V
4th stable sample
Signal to be
measured
AMPLI_clk
(Sync Clock)
CK ADC
Amplifier Sample
Enable
Amplifier Hold
Value
PSCn_ASY
PSC
Block
Amplifier
Block
ADASCR
ADSC
ADC
ADC Result Ready
ADC
Sampling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com