Electronic Components Datasheet Search
  English  ▼

X  

PCM1820 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1820
Description  TLV320ADC6120 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1820 Datasheet(HTML) 4 Page - Texas Instruments

  PCM1820 Datasheet HTML 1Page - Texas Instruments PCM1820 Datasheet HTML 2Page - Texas Instruments PCM1820 Datasheet HTML 3Page - Texas Instruments PCM1820 Datasheet HTML 4Page - Texas Instruments PCM1820 Datasheet HTML 5Page - Texas Instruments PCM1820 Datasheet HTML 6Page - Texas Instruments PCM1820 Datasheet HTML 7Page - Texas Instruments PCM1820 Datasheet HTML 8Page - Texas Instruments PCM1820 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 130 page
background image
6 Pin Configuration and Functions
1
IN1P
14
DREG
2
IN1M
13
SCL
3
IN2P_GPI1
12
SDA
4
IN2M_GPO1
11
GPIO1
Not to scale
Thermal Pad (VSS)
15
VSS
20
VSS
10
VSS
5
VSS
Figure 6-1. RTE Package, 20-Pin WQFN With Exposed Thermal Pad, Top View
Table 6-1. Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
1
IN1P
Analog input
Analog input 1P pin.
2
IN1M
Analog input
Analog input 1M pin.
3
IN2P_GPI1
Analog input/digital input
Analog input 2P pin or general-purpose digital input 1 (multipurpose functions
such as digital microphones data, PLL input clock source, and so forth).
4
IN2M_GPO1
Analog input/digital output
Analog input 2M pin or general-purpose digital output 1 (multipurpose functions
such as digital microphone clock, interrupt, and so forth).
5
VSS
Ground supply
Device ground internally shorted to thermal pad. Short this package corner pin
directly to the board ground plane. See the package drawings at the end of this
document for corner pin dimensions.
6
SDOUT
Digital output
Audio serial data interface bus output.
7
BCLK
Digital I/O
Audio serial data interface bus bit clock.
8
FSYNC
Digital I/O
Audio serial data interface bus frame synchronization signal.
9
IOVDD
Digital supply
Digital I/O power supply (1.8 V or 3.3 V, nominal).
10
VSS
Ground supply
Device ground internally shorted to thermal pad. Short this package corner pin
directly to the board ground plane. See the package drawings at the end of this
document for corner pin dimensions.
11
GPIO1
Digital I/O
General-purpose digital input/output 1 (multipurpose functions such as digital
microphones clock or data, PLL input clock source, interrupt, and so forth).
12
SDA
Digital I/O
Data pin for I2C control bus.
13
SCL
Digital input
Clock pin for I2C control bus.
14
DREG
Digital supply
Digital regulator output voltage for digital core supply (1.5 V, nominal). Connect
a 10-µF and 0.1-µF low ESR capacitor in parallel to device ground (VSS).
15
VSS
Ground supply
Device ground internally shorted to thermal pad. Short this package corner pin
directly to the board ground plane. See the package drawings at the end of this
document for corner pin dimensions.
16
AVDD
Analog supply
Analog power (1.8 V or 3.3 V, nominal).
TLV320ADC6120
SBASA92A – DECEMBER 2020 – REVISED JUNE 2021
www.ti.com
4
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TLV320ADC6120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com