Electronic Components Datasheet Search
  English  ▼

X  

PCM1820 Datasheet(PDF) 84 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1820
Description  TLV320ADC6120 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1820 Datasheet(HTML) 84 Page - Texas Instruments

Back Button PCM1820 Datasheet HTML 80Page - Texas Instruments PCM1820 Datasheet HTML 81Page - Texas Instruments PCM1820 Datasheet HTML 82Page - Texas Instruments PCM1820 Datasheet HTML 83Page - Texas Instruments PCM1820 Datasheet HTML 84Page - Texas Instruments PCM1820 Datasheet HTML 85Page - Texas Instruments PCM1820 Datasheet HTML 86Page - Texas Instruments PCM1820 Datasheet HTML 87Page - Texas Instruments PCM1820 Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 130 page
background image
8.6.2.28 CM_TOL_CFG Register (Address = 0x3A) [Reset = 0x0]
CM_TOL_CFG is shown in Figure 8-98 and described in Table 8-83.
Return to the Table 8-55.
This register is the ADC common mode configuration register
Figure 8-98. CM_TOL_CFG Register
7
6
5
4
3
2
1
0
CH1_INP_CM_TOL_CFG[1:0]
CH2_INP_CM_TOL_CFG[1:0]
RESERVED
R/W-00b
R/W-00b
R-0000b
Table 8-83. CM_TOL_CFG Register Field Descriptions
Bit
Field
Type
Reset
Description
7-6
CH1_INP_CM_TOL_CFG[
1:0]
R/W
00b
Channel 1 input common mode variance tolerance configuration.
0d = Common mode variance tolerance for AC coupled = 100 mVpp
and DC coupled = 2.82 Vpp
1d = Common Mode Tolerance of: AC/DC Coupled Input=1V peak to
peak
2d = Common Mode Tolerance of: AC/DC Coupled Input=0-
AVDD(Supported only with Input Impendance of 10 kΩ/20 kΩ). For
input impedance of 2.5 kΩ, input common mode tolerance= 0.4V to
2.6V.
3d = Reserved; Don't use
5-4
CH2_INP_CM_TOL_CFG[
1:0]
R/W
00b
Channel 2 input common mode variance tolerance configuration.
0d = Common mode variance tolerance for AC coupled = 100 mVpp
and DC coupled = 2.82 Vpp
1d = Common Mode Tolerance of: AC/DC Coupled Input=1V peak to
peak
2d = Common Mode Tolerance of: AC/DC Coupled Input=0-
AVDD(Supported only with Input Impendance of 10 kΩ/20 kΩ). For
input impedance of 2.5 kΩ, input common mode tolerance= 0.4V to
2.6V.
3d = Reserved; Don't use
3-0
RESERVED
R
0000b
Reserved bits; Write only reset value
TLV320ADC6120
SBASA92A – DECEMBER 2020 – REVISED JUNE 2021
www.ti.com
84
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TLV320ADC6120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com