Electronic Components Datasheet Search
  English  ▼

X  

PCM1820 Datasheet(PDF) 97 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1820
Description  TLV320ADC6120 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1820 Datasheet(HTML) 97 Page - Texas Instruments

Back Button PCM1820 Datasheet HTML 93Page - Texas Instruments PCM1820 Datasheet HTML 94Page - Texas Instruments PCM1820 Datasheet HTML 95Page - Texas Instruments PCM1820 Datasheet HTML 96Page - Texas Instruments PCM1820 Datasheet HTML 97Page - Texas Instruments PCM1820 Datasheet HTML 98Page - Texas Instruments PCM1820 Datasheet HTML 99Page - Texas Instruments PCM1820 Datasheet HTML 100Page - Texas Instruments PCM1820 Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 130 page
background image
8.6.2.48 DRE_CFG0 Register (Address = 0x6D) [Reset = 0x7B]
DRE_CFG0 is shown in Figure 8-118 and described in Table 8-103.
Return to the Table 8-55.
This register is the dynamic range enhancer (DRE) configuration register 0.
Figure 8-118. DRE_CFG0 Register
7
6
5
4
3
2
1
0
DRE_LVL[3:0]
DRE_MAXGAIN[3:0]
R/W-0111b
R/W-1011b
Table 8-103. DRE_CFG0 Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
DRE_LVL[3:0]
R/W
0111b
DRE trigger signal level threshold.
0d = Input signal level threshold is -12 dB
1d = Input signal level threshold is -18 dB
2d = Input signal level threshold is -24 dB
3d to 6d = Input signal level threshold is as per configuration
7d = Input signal level threshold is -54 dB
8d = Input signal level threshold is -60 dB
9d = Input signal level threshold is -66 dB
10d to 15d = Reserved; Don't use
3-0
DRE_MAXGAIN[3:0]
R/W
1011b
DRE maximum gain allowed.
0d = Maximum gain allowed is 2 dB
1d = Maximum gain allowed is 4 dB
2d = Maximum gain allowed is 6 dB
3d to 10d = Maximum gain allowed is as per configuration
11d = Maximum gain allowed is 24 dB
12d = Maximum gain allowed is 26 dB
13d to 15d = Reserved; Don't use
8.6.2.49 AGC_CFG0 Register (Address = 0x70) [Reset = 0xE7]
AGC_CFG0 is shown in Figure 8-119 and described in Table 8-104.
Return to the Table 8-55.
This register is the automatic gain controller (AGC) configuration register 0.
Figure 8-119. AGC_CFG0 Register
7
6
5
4
3
2
1
0
AGC_LVL[3:0]
AGC_MAXGAIN[3:0]
R/W-1110b
R/W-0111b
Table 8-104. AGC_CFG0 Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
AGC_LVL[3:0]
R/W
1110b
AGC output signal target level.
0d = Output signal target level is -6 dB
1d = Output signal target level is -8 dB
2d = Output signal target level is -10 dB
3d to 13d = Output signal target level is as per configuration
14d = Output signal target level is -34 dB
15d = Output signal target level is -36 dB
www.ti.com
TLV320ADC6120
SBASA92A – DECEMBER 2020 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
97
Product Folder Links: TLV320ADC6120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com