Electronic Components Datasheet Search
  English  ▼

X  

PCM1820 Datasheet(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1820
Description  TLV320ADC6120 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1820 Datasheet(HTML) 60 Page - Texas Instruments

Back Button PCM1820 Datasheet HTML 56Page - Texas Instruments PCM1820 Datasheet HTML 57Page - Texas Instruments PCM1820 Datasheet HTML 58Page - Texas Instruments PCM1820 Datasheet HTML 59Page - Texas Instruments PCM1820 Datasheet HTML 60Page - Texas Instruments PCM1820 Datasheet HTML 61Page - Texas Instruments PCM1820 Datasheet HTML 62Page - Texas Instruments PCM1820 Datasheet HTML 63Page - Texas Instruments PCM1820 Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 130 page
background image
8.5 Programming
The device contains configuration registers and programmable coefficients that can be set to the desired values
for a specific system and application use. These registers are called device control registers and are each eight
bits in width, mapped using a page scheme.
Each page contains 128 configuration registers. All device configuration registers are stored in page 0, which
is the default page setting at power up and after a software reset. All programmable coefficient registers are
located in page 2, page 3, and page 4. The current page of the device can be switched to a new desired page by
using the PAGE[7:0] bits located in register 0 of every page.
8.5.1 Control Serial Interfaces
The device control registers can be accessed using I2C communication to the device. The device operates with
a fixed I2C address and can be configured using this address.
8.5.1.1 I2C Control Interface
The device supports the I2C control protocol as a slave device, and is capable of operating in standard mode,
fast mode, and fast mode plus. The I2C control protocol requires a 7-bit slave address. The 7-bit slave address
is fixed at 1001110 and cannot be changed. If the I2C_BRDCAST_EN (P0_R2_D2) bit is set to 1'b1, then the
I2C slave address is fixed to 1001100 in order to allow simultaneous I2C broadcast communication to multiple
devices in the system, including the TLV320ADCx140, PCMD3140, and PCMD3180 devices. Table 8-53 lists the
possible device addresses resulting from this configuration.
Table 8-53. I2C Slave Address Settings
I2C_BRDCAST_EN (P0_R2_D2)
I2C SLAVE ADDRESS
0 (default)
1001 110
1
1001 100
8.5.1.1.1 General I2C Operation
The I2C bus employs two signals, SDA (data) and SCL (clock), to communicate between integrated circuits
in a system using serial data transmission. The address and data 8-bit bytes are transferred MSB first. In
addition, each byte transferred on the bus is acknowledged by the receiving device with an acknowledge bit.
Each transfer operation begins with the master device driving a start condition on the bus and ends with the
master device driving a stop condition on the bus. The bus uses transitions on the data pin (SDA) while the
clock is at logic high to indicate start and stop conditions. A high-to-low transition on SDA indicates a start, and
a low-to-high transition indicates a stop. Normal data-bit transitions must occur within the low time of the clock
period.
The master device drives a start condition followed by the 7-bit slave address and the read/write (R/W) bit to
open communication with another device and then waits for an acknowledgment condition. The slave device
holds SDA low during the acknowledge clock period to indicate acknowledgment. When this occurs, the master
device transmits the next byte of the sequence. Each slave device is addressed by a unique 7-bit slave
address plus the R/W bit (1 byte). All compatible devices share the same signals via a bidirectional bus using a
wired-AND connection.
TLV320ADC6120
SBASA92A – DECEMBER 2020 – REVISED JUNE 2021
www.ti.com
60
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TLV320ADC6120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com