Electronic Components Datasheet Search
  English  ▼

X  

PCM1820 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1820
Description  TLV320ADC6120 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1820 Datasheet(HTML) 11 Page - Texas Instruments

Back Button PCM1820 Datasheet HTML 7Page - Texas Instruments PCM1820 Datasheet HTML 8Page - Texas Instruments PCM1820 Datasheet HTML 9Page - Texas Instruments PCM1820 Datasheet HTML 10Page - Texas Instruments PCM1820 Datasheet HTML 11Page - Texas Instruments PCM1820 Datasheet HTML 12Page - Texas Instruments PCM1820 Datasheet HTML 13Page - Texas Instruments PCM1820 Datasheet HTML 14Page - Texas Instruments PCM1820 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 130 page
background image
7.6 Timing Requirements: I2C Interface
at TA = 25°C, IOVDD = 3.3 V or 1.8 V (unless otherwise noted); see Figure 7-1 for timing diagram
MIN
NOM
MAX
UNIT
STANDARD-MODE
fSCL
SCL clock frequency
0
100
kHz
tHD;STA
Hold time (repeated) START condition.
After this period, the first clock pulse is generated.
4
μs
tLOW
Low period of the SCL clock
4.7
μs
tHIGH
High period of the SCL clock
4
μs
tSU;STA
Setup time for a repeated START condition
4.7
μs
tHD;DAT
Data hold time
0
3.45
μs
tSU;DAT
Data setup time
250
ns
tr
SDA and SCL rise time
1000
ns
tf
SDA and SCL fall time
300
ns
tSU;STO
Setup time for STOP condition
4
μs
tBUF
Bus free time between a STOP and START condition
4.7
μs
FAST-MODE
fSCL
SCL clock frequency
0
400
kHz
tHD;STA
Hold time (repeated) START condition.
After this period, the first clock pulse is generated.
0.6
μs
tLOW
Low period of the SCL clock
1.3
μs
tHIGH
High period of the SCL clock
0.6
μs
tSU;STA
Setup time for a repeated START condition
0.6
μs
tHD;DAT
Data hold time
0
0.9
μs
tSU;DAT
Data setup time
100
ns
tr
SDA and SCL rise time
20
300
ns
tf
SDA and SCL fall time
20 × (IOVDD / 5.5
V)
300
ns
tSU;STO
Setup time for STOP condition
0.6
μs
tBUF
Bus free time between a STOP and START condition
1.3
μs
FAST-MODE PLUS
fSCL
SCL clock frequency
0
1000
kHz
tHD;STA
Hold time (repeated) START condition.
After this period, the first clock pulse is generated.
0.26
μs
tLOW
Low period of the SCL clock
0.5
μs
tHIGH
High period of the SCL clock
0.26
μs
tSU;STA
Setup time for a repeated START condition
0.26
μs
tHD;DAT
Data hold time
0
μs
tSU;DAT
Data setup time
50
ns
tr
SDA and SCL rise time
120
ns
tf
SDA and SCL fall time
20 × (IOVDD / 5.5
V)
120
ns
tSU;STO
Setup time for STOP condition
0.26
μs
tBUF
Bus free time between a STOP and START condition
0.5
μs
7.7 Switching Characteristics: I2C Interface
at TA = 25°C, IOVDD = 3.3 V or 1.8 V (unless otherwise noted); see Figure 7-1 for timing diagram
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
td(SDA)
SCL to SDA delay
Standard-mode
250
1250
ns
Fast-mode
250
850
Fast-mode plus
400
www.ti.com
TLV320ADC6120
SBASA92A – DECEMBER 2020 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TLV320ADC6120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com