Electronic Components Datasheet Search
  English  ▼

X  

PCM1820 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1820
Description  TLV320ADC6120 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1820 Datasheet(HTML) 9 Page - Texas Instruments

Back Button PCM1820 Datasheet HTML 5Page - Texas Instruments PCM1820 Datasheet HTML 6Page - Texas Instruments PCM1820 Datasheet HTML 7Page - Texas Instruments PCM1820 Datasheet HTML 8Page - Texas Instruments PCM1820 Datasheet HTML 9Page - Texas Instruments PCM1820 Datasheet HTML 10Page - Texas Instruments PCM1820 Datasheet HTML 11Page - Texas Instruments PCM1820 Datasheet HTML 12Page - Texas Instruments PCM1820 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 130 page
background image
7.5 Electrical Characteristics (continued)
at TA = 25°C, AVDD = 3.3 V, IOVDD = 3.3 V, fIN = 1-kHz sinusoidal signal, fS = 48 kHz, 32-bit audio data, BCLK = 256 × fS,
TDM slave mode, and PLL on (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
MICBIAS voltage
MICBIAS programmed to VREF and VREF programmed
to either 2.75 V, 2.5 V, or 1.375 V
VREF
V
MICBIAS programmed to VREF × 1.096 and VREF
programmed to either 2.75 V, 2.5 V, or 1.375 V
VREF ×
1.096
Bypass to AVDD with 5-mA load
AVDD – 0.2
MICBIAS current drive
5
mA
MICBIAS load regulation
MICBIAS programmed to either VREF or VREF ×
1.096, measured up to max load
0
0.6
1
%
MICBIAS over current
protection threshold
6.1
mA
DIGITAL I/O
VIL
Low-level digital input logic
voltage threshold
All digital pins except IN2P_GPI1 and MICBIAS_GPI2,
SDA and SCL, IOVDD 1.8-V operation
–0.3
0.35 ×
IOVDD
V
All digital pins except IN2P_GPI1 and MICBIAS_GPI2,
SDA and SCL, IOVDD 3.3-V operation
–0.3
0.8
VIH
High-level digital input logic
voltage threshold
All digital pins except IN2P_GPI1 and MICBIAS_GPI2,
SDA and SCL, IOVDD 1.8-V operation
0.65 ×
IOVDD
IOVDD + 0.3
V
All digital pins except IN2P_GPI1 and MICBIAS_GPI2,
SDA and SCL, IOVDD 3.3-V operation
2
IOVDD + 0.3
VOL
Low-level digital output
voltage
All digital pins except IN2M_GPO1, SDA and SCL, IOL =
–2 mA, IOVDD 1.8-V operation
0.45
V
All digital pins except IN2M_GPO1, SDA and SCL, IOL =
–2 mA, IOVDD 3.3-V operation
0.4
VOH
High-level digital output
voltage
All digital pins except IN2M_GPO1, SDA and SCL, IOH =
2 mA, IOVDD 1.8-V operation
IOVDD –
0.45
V
All digital pins except IN2M_GPO1, SDA and SCL, IOH =
2 mA, IOVDD 3.3-V operation
2.4
VIL(I2C)
Low-level digital input logic
voltage threshold
SDA and SCL
–0.5
0.3 x IOVDD
V
VIH(I2C)
High-level digital input logic
voltage threshold
SDA and SCL
0.7 x IOVDD
IOVDD + 0.5
V
VOL1(I2C)
Low-level digital output
voltage
SDA, IOL(I2C) = –3 mA, IOVDD > 2 V
0.4
V
VOL2(I2C)
Low-level digital output
voltage
SDA, IOL(I2C) = –2 mA, IOVDD ≤ 2 V
0.2 x IOVDD
V
IOL(I2C)
Low-level digital output
current
SDA, VOL(I2C) = 0.4 V, standard-mode or fast-mode
3
mA
SDA, VOL(I2C) = 0.4 V, fast-mode plus
20
IIH
Input logic-high leakage for
digital inputs
All digital pins except IN2P_GPI1 and MICBIAS_GPI2
pins, input = IOVDD
–5
0.1
5
µA
IIL
Input logic-low leakage for
digital inputs
All digital pins except IN2P_GPI1 and MICBIAS_GPI2
pins, input = 0 V
–5
0.1
5
µA
VIL(GPIx)
Low-level digital input logic
voltage threshold
IN2P_GPI1 and MICBIAS_GPI2 digital pins, AVDD 1.8-V
operation
–0.3
0.35 × AVDD
V
IN2P_GPI1 and MICBIAS_GPI2 digital pins, AVDD 3.3-V
operation
–0.3
0.8
VIH(GPIx)
High-level digital input logic
voltage threshold
IN2P_GPI1 and MICBIAS_GPI2 digital pins, AVDD 1.8-V
operation
0.65 × AVDD
AVDD + 0.3
V
IN2P_GPI1 and MICBIAS_GPI2 digital pins, AVDD 3.3-V
operation
2
AVDD + 0.3
VOL(GPOx)
Low-level digital output
voltage
IN2M_GPO2 digital pin, IOL = –2 mA, AVDD 1.8-V
operation
0.45
V
IN2M_GPO2 digital pin, IOL = –2 mA, AVDD 3.3-V
operation
0.4
VOH(GPOx)
High-level digital output
voltage
IN2M_GPO2 digital pin, IOH = 2 mA, AVDD 1.8-V
operation
AVDD – 0.45
V
IN2M_GPO2 digital pin, IOH = 2 mA, AVDD 3.3-V
operation
2.4
www.ti.com
TLV320ADC6120
SBASA92A – DECEMBER 2020 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TLV320ADC6120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com