Electronic Components Datasheet Search
  English  ▼

X  

PCM1820 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1820
Description  TLV320ADC6120 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1820 Datasheet(HTML) 6 Page - Texas Instruments

Back Button PCM1820 Datasheet HTML 2Page - Texas Instruments PCM1820 Datasheet HTML 3Page - Texas Instruments PCM1820 Datasheet HTML 4Page - Texas Instruments PCM1820 Datasheet HTML 5Page - Texas Instruments PCM1820 Datasheet HTML 6Page - Texas Instruments PCM1820 Datasheet HTML 7Page - Texas Instruments PCM1820 Datasheet HTML 8Page - Texas Instruments PCM1820 Datasheet HTML 9Page - Texas Instruments PCM1820 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 130 page
background image
7.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
POWER
AVDD,
AREG(1)
Analog supply voltage AVDD to AVSS (AREG is generated using onchip regulator):
AVDD 3.3-V operation
3.0
3.3
3.6
V
Analog supply voltage AVDD and AREG to AVSS (AREG internal regulator is
shutdown): AVDD 1.8-V operation
1.7
1.8
1.9
IOVDD
IO supply voltage to VSS (thermal pad): IOVDD 3.3-V operation
3.0
3.3
3.6
V
IO supply voltage to VSS (thermal pad): IOVDD 1.8-V operation
1.65
1.8
1.95
INPUTS
Analog input pins voltage to AVSS
0
AVDD
V
Digital input except IN2P_GPI1 and MICBIAS_GPI2 pins voltage to VSS (thermal pad)
0
IOVDD
V
Digital input IN2P_GPI1 and MICBIAS_GPI2 pins voltage to VSS (thermal pad)
0
AVDD
V
TEMPERATURE
TA
Operating ambient temperature
–40
125
°C
OTHERS
GPIOx or GPIx (used as MCLK input) clock frequency
36.864
MHz
Cb
SCL and SDA bus capacitance for I2C interface supports standard-mode and fast-
mode
400
pF
SCL and SDA bus capacitance for I2C interface supports fast-mode plus
550
CL
Digital output load capacitance
20
50
pF
(1)
AVSS and VSS (thermal pad): all ground pins must be tied together and must not differ in voltage by more than 0.2 V.
7.4 Thermal Information
THERMAL METRIC(1)
TLV320ADC6120
UNIT
RTE (WQFN)
20 PINS
RθJA
Junction-to-ambient thermal resistance
55.9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
33.1
°C/W
RθJB
Junction-to-board thermal resistance
23.4
°C/W
ψJT
Junction-to-top characterization parameter
0.6
°C/W
ψJB
Junction-to-board characterization parameter
23.3
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
16.7
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
TLV320ADC6120
SBASA92A – DECEMBER 2020 – REVISED JUNE 2021
www.ti.com
6
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TLV320ADC6120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com