Electronic Components Datasheet Search
  English  ▼

X  

PCM1820 Datasheet(PDF) 70 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1820
Description  TLV320ADC6120 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1820 Datasheet(HTML) 70 Page - Texas Instruments

Back Button PCM1820 Datasheet HTML 66Page - Texas Instruments PCM1820 Datasheet HTML 67Page - Texas Instruments PCM1820 Datasheet HTML 68Page - Texas Instruments PCM1820 Datasheet HTML 69Page - Texas Instruments PCM1820 Datasheet HTML 70Page - Texas Instruments PCM1820 Datasheet HTML 71Page - Texas Instruments PCM1820 Datasheet HTML 72Page - Texas Instruments PCM1820 Datasheet HTML 73Page - Texas Instruments PCM1820 Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 130 page
background image
8.6.2.8 ASI_MIX_CFG Register (Address = 0xA) [Reset = 0x0]
ASI_MIX_CFG is shown in Figure 8-78 and described in Table 8-63.
Return to the Table 8-55.
This register is the ASI input mixing configuration register.
Figure 8-78. ASI_MIX_CFG Register
7
6
5
4
3
2
1
0
ASI_MIX_SEL[1:0]
ASI_GAIN_SEL[1:0]
ASI_IN_INVER
SE
RESERVED
RESERVED
RESERVED
R/W-00b
R/W-00b
R/W-0b
R-0b
R-0b
R-0b
Table 8-63. ASI_MIX_CFG Register Field Descriptions
Bit
Field
Type
Reset
Description
7-6
ASI_MIX_SEL[1:0]
R/W
00b
ASI input (from GPIx or GPIO) mixing selection with channel data.
0d = No mixing
1d = Channel 1 and channel 2 output data mixed with ASI input data
on channel 1 (slot 0)
2d = Channel 1 and channel 2 output data mixed with ASI input data
on channel 2 (slot 1)
3d = Mixed both channel data with ASI input data independently.
Mixed asi_in_ch_1 with channel 1 output data and similarly mix
asi_in_ch_2 with channel 2 output data
5-4
ASI_GAIN_SEL[1:0]
R/W
00b
ASI input data gain selection before mixing to channel data.
0d = No gain
1d = Gain asi input data by -6dB
2d = Gain asi input data by -12dB
3d = Gain asi input data by -18dB
3
ASI_IN_INVERSE
R/W
0b
Invert ASI input data before mixing to channel data.
0d = No inversion done for ASI input data
1d = ASI input data inverted before mixing with channel data
2
RESERVED
R
0b
Reserved bit; Write only reset value
1
RESERVED
R
0b
Reserved bit; Write only reset value
0
RESERVED
R
0b
Reserved bit; Write only reset value
TLV320ADC6120
SBASA92A – DECEMBER 2020 – REVISED JUNE 2021
www.ti.com
70
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TLV320ADC6120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com