Electronic Components Datasheet Search
  English  ▼

X  

PCM1820 Datasheet(PDF) 90 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1820
Description  TLV320ADC6120 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1820 Datasheet(HTML) 90 Page - Texas Instruments

Back Button PCM1820 Datasheet HTML 86Page - Texas Instruments PCM1820 Datasheet HTML 87Page - Texas Instruments PCM1820 Datasheet HTML 88Page - Texas Instruments PCM1820 Datasheet HTML 89Page - Texas Instruments PCM1820 Datasheet HTML 90Page - Texas Instruments PCM1820 Datasheet HTML 91Page - Texas Instruments PCM1820 Datasheet HTML 92Page - Texas Instruments PCM1820 Datasheet HTML 93Page - Texas Instruments PCM1820 Datasheet HTML 94Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 130 page
background image
8.6.2.36 CH2_CFG1 Register (Address = 0x42) [Reset = 0x0]
CH2_CFG1 is shown in Figure 8-106 and described in Table 8-91.
Return to the Table 8-55.
This register is configuration register 1 for channel 2.
Figure 8-106. CH2_CFG1 Register
7
6
5
4
3
2
1
0
CH2_GAIN[6:0]
CH2_GAIN_SI
GN_BIT
R/W-0000000b
R/W-0b
Table 8-91. CH2_CFG1 Register Field Descriptions
Bit
Field
Type
Reset
Description
7-1
CH2_GAIN[6:0]
R/W
0000000b
Channel 2 gain.
0d = Channel gain is set to 0 dB
1d = Channel gain is set to 0.5 dB
2d = Channel gain is set to 1 dB
3d to 83d = Channel gain is set as per configuration
84d = Channel gain is set to 42 dB
85d to 127d = Reserved; Don't use
0
CH2_GAIN_SIGN_BIT
R/W
0b
Channel-2 gain sign configuration.
0d = Positive channel gain
1d = Negative channel gain (minimum channel gain supported till -11
dB; supported only for channel input impedance of 10-kΩ and 20-kΩ)
8.6.2.37 CH2_CFG2 Register (Address = 0x43) [Reset = 0xC9]
CH2_CFG2 is shown in Figure 8-107 and described in Table 8-92.
Return to the Table 8-55.
This register is configuration register 2 for channel 2.
Figure 8-107. CH2_CFG2 Register
7
6
5
4
3
2
1
0
CH2_DVOL[7:0]
R/W-11001001b
Table 8-92. CH2_CFG2 Register Field Descriptions
Bit
Field
Type
Reset
Description
7-0
CH2_DVOL[7:0]
R/W
11001001b
Channel 2 digital volume control.
0d = Digital volume is muted
1d = Digital volume control is set to -100 dB
2d = Digital volume control is set to -99.5 dB
3d to 200d = Digital volume control is set as per configuration
201d = Digital volume control is set to 0 dB
202d = Digital volume control is set to 0.5 dB
203d to 253d = Digital volume control is set as per configuration
254d = Digital volume control is set to 26.5 dB
255d = Digital volume control is set to 27 dB
TLV320ADC6120
SBASA92A – DECEMBER 2020 – REVISED JUNE 2021
www.ti.com
90
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TLV320ADC6120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com