Electronic Components Datasheet Search
  English  ▼

X  

PCM1820 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1820
Description  TLV320ADC6120 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1820 Datasheet(HTML) 49 Page - Texas Instruments

Back Button PCM1820 Datasheet HTML 45Page - Texas Instruments PCM1820 Datasheet HTML 46Page - Texas Instruments PCM1820 Datasheet HTML 47Page - Texas Instruments PCM1820 Datasheet HTML 48Page - Texas Instruments PCM1820 Datasheet HTML 49Page - Texas Instruments PCM1820 Datasheet HTML 50Page - Texas Instruments PCM1820 Datasheet HTML 51Page - Texas Instruments PCM1820 Datasheet HTML 52Page - Texas Instruments PCM1820 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 130 page
background image
Table 8-40. Ultra-Low-Latency Decimation Filter Specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Pass-band ripple
Frequency range is 0 to 0.457 × fS
–0.04
0.04
dB
Stop-band attenuation
Frequency range is 0.6 × fS onwards
88.3
dB
Group delay or latency
Frequency range is 0 to 0.325 × fS
5.2
1/fS
Group delay deviation
Frequency range is 0 to 0.325 × fS
–0.492
0.492
1/fS
Phase deviation
Frequency range is 0 to 0.325 × fS
–9.5
13.5
Degrees
8.3.6.7.3.4 Sampling Rate: 44.1 kHz to 48 kHz
Figure 8-55 shows the magnitude response and Figure 8-56 shows the pass-band ripple and phase deviation for
a decimation filter with a sampling rate of 44.1 kHz to 48 kHz. Table 8-41 lists the specifications for a decimation
filter with a 44.1-kHz to 48-kHz sampling rate.
Normalized Frequency (1/fS)
0
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
4
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
D003
Figure 8-55. Ultra-Low-Latency Decimation Filter
Magnitude Response
Normalized Frequency (1/fS)
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
-0.5
-25
-0.4
-20
-0.3
-15
-0.2
-10
-0.1
-5
0
0
0.1
5
0.2
10
0.3
15
0.4
20
0.5
25
D003
Pass-Band Ripple
Phase Deviation
Figure 8-56. Ultra-Low-Latency Decimation Filter
Pass-Band Ripple and Phase Deviation
Table 8-41. Ultra-Low-Latency Decimation Filter Specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Pass-band ripple
Frequency range is 0 to 0.452 × fS
–0.015
0.015
dB
Stop-band attenuation
Frequency range is 0.6 × fS onwards
86.4
dB
Group delay or latency
Frequency range is 0 to 0.325 × fS
4.1
1/fS
Group delay deviation
Frequency range is 0 to 0.325 × fS
–0.525
0.525
1/fS
Phase deviation
Frequency range is 0 to 0.325 × fS
–10.3
14.5
Degrees
www.ti.com
TLV320ADC6120
SBASA92A – DECEMBER 2020 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: TLV320ADC6120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com