Electronic Components Datasheet Search
  English  ▼

X  

PCM1820 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1820
Description  TLV320ADC6120 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1820 Datasheet(HTML) 8 Page - Texas Instruments

Back Button PCM1820 Datasheet HTML 4Page - Texas Instruments PCM1820 Datasheet HTML 5Page - Texas Instruments PCM1820 Datasheet HTML 6Page - Texas Instruments PCM1820 Datasheet HTML 7Page - Texas Instruments PCM1820 Datasheet HTML 8Page - Texas Instruments PCM1820 Datasheet HTML 9Page - Texas Instruments PCM1820 Datasheet HTML 10Page - Texas Instruments PCM1820 Datasheet HTML 11Page - Texas Instruments PCM1820 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 130 page
background image
7.5 Electrical Characteristics (continued)
at TA = 25°C, AVDD = 3.3 V, IOVDD = 3.3 V, fIN = 1-kHz sinusoidal signal, fS = 48 kHz, 32-bit audio data, BCLK = 256 × fS,
TDM slave mode, and PLL on (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SNR
Signal-to-noise ratio, A-
weighted(1) (2)
IN1 differential input selected and AC signal shorted
to ground, DRE enabled (DRE_LVL = –36 dB,
DRE_MAXGAIN = 24 dB), 2.5-kΩ input impedance
selection
116
dB
IN1 differential input selected and AC signal shorted
to ground, DRE enabled (DRE_LVL = –36 dB,
DRE_MAXGAIN = 24 dB), 10-kΩ input impedance
selection
111
IN1 differential input selected and AC signal shorted
to ground, DRE disabled, 2.5-kΩ input impedance
selection, 0-dB channel gain
105
DR
Dynamic range, A-
weighted(2)
IN1 differential input selected and –60-dB full-scale
AC signal input, DRE enabled (DRE_LVL = –36 dB,
DRE_MAXGAIN = 24 dB), 2.5-kΩ input impedance
selection
117
dB
IN1 differential input selected and –60-dB full-scale
AC signal input, DRE enabled (DRE_LVL = –36 dB,
DRE_MAXGAIN = 24 dB), 10-kΩ input impedance
selection
112
IN1 differential input selected and –60-dB full-scale AC
signal input, DRE disabled, 2.5-kΩ input impedance
selection, 0-dB channel gain
106
THD+N
Total harmonic distortion(2)
(3)
IN1 differential input selected and –2-dB full-scale
AC signal input, DRE enabled (DRE_LVL = –36 dB,
DRE_MAXGAIN = 24 dB), 2.5-kΩ input impedance
selection
–90
dB
IN1 differential input selected and –2-dB full-scale
AC signal input, DRE enabled (DRE_LVL = –36 dB,
DRE_MAXGAIN = 24 dB), 10-kΩ input impedance
selection
–90
IN1 differential input selected and –2-dB full-scale AC
signal Input, DRE disabled, 2.5-kΩ input impedance
selection, 0 dB channel gain
–90
ADC OTHER PARAMETERS
Digital volume control
range
Programmable 0.5-dB steps
–100
27
dB
Output data sample rate
Programmable
7.35
768
kHz
Output data sample word
length
Programmable
16
32
Bits
Digital high-pass filter cutoff
frequency
First-order IIR filter with programmable coefficients,
–3-dB point (default setting)
12
Hz
Interchannel isolation
–1-dB full-scale AC-signal input to non measurement
channel
–124
dB
Interchannel gain mismatch –6-dB full-scale AC-signal input and 0-dB channel gain
0.1
dB
Gain drift(4)
0-dB channel gain, across temperature range –40°C to
125°C
36.8
ppm/°C
Interchannel phase
mismatch
1-kHz sinusoidal signal
0.02
Degrees
Phase drift(5)
1-kHz sinusoidal signal, across temperature range –
40°C to 125°C
0.0005
Degrees/°C
PSRR
Power-supply rejection
ratio
100-mVPP, 1-kHz sinusoidal signal on AVDD, differential
input selected, 0-dB channel gain
102
dB
CMRR
Common-mode rejection
ratio
Differential microphone input selected, 0-dB channel
gain, 100-mVPP, 1-kHz signal on both pins and measure
level at output in high CMRR Mode
80
dB
MICROPHONE BIAS
MICBIAS noise
BW = 20 Hz to 20 kHz, A-weighted, 1-μF capacitor
between MICBIAS and AVSS
2.1
µVRMS
TLV320ADC6120
SBASA92A – DECEMBER 2020 – REVISED JUNE 2021
www.ti.com
8
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TLV320ADC6120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com