Electronic Components Datasheet Search
  English  ▼

X  

UPD16488AP Datasheet(PDF) 16 Page - NEC

Part # UPD16488AP
Description  1/92 DUTY LCD CONTROLLER/DRIVER WITH FOUR-LEVEL GRAY SCALE, ON-CHIP RAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16488AP Datasheet(HTML) 16 Page - NEC

Back Button UPD16488AP Datasheet HTML 12Page - NEC UPD16488AP Datasheet HTML 13Page - NEC UPD16488AP Datasheet HTML 14Page - NEC UPD16488AP Datasheet HTML 15Page - NEC UPD16488AP Datasheet HTML 16Page - NEC UPD16488AP Datasheet HTML 17Page - NEC UPD16488AP Datasheet HTML 18Page - NEC UPD16488AP Datasheet HTML 19Page - NEC UPD16488AP Datasheet HTML 20Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 91 page
background image
Data Sheet S15745EJ2V0DS
16
µµµµPD16488A
5.1.3 Serial interface
When the serial interface has been selected (PSX = L), if the chip is active (/CS1 = L, CS2 = H), serial data input (SI) and
serial clock input (SCL) can be received. Serial data is read from D7 and then from D6 to D0 on the rising edge of the serial
clock, via the serial input pin. This data is synchronized on the eighth serial clock's rising edge and is then converted to
parallel data for processing. RS input is used to judge serial input data as display data or command data: when RS = H the
data is display/command data and when RS = L the data is index data. When the chip enters active mode, RS input is read
at the rising edge after every eighth serial clock and is then used to judge the serial input data. The serial interface signal
chart is shown below.
Figure 5-1. Serial Interface Signal Chart
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
123456789
10
11
12
13
14
15
16
17
18
/CS1
SI
SCL
RS
CS2 = H
Remarks 1. If the chip is not active, the shift register and counter are reset to their initial settings.
2. The data read function is disabled during serial interface mode.
3. When using SCL wiring, take care concerning the possible effects of terminating reflection and
noise from external sources. We recommend checking operation with the actual device.
5.1.4 Chip select
The
µPD16488A has two chip select pins (/CS1 and CS2). The CPU parallel interface or serial interface can be used only
when /CS1 = L and CS2 = H. When chip select is inactive, P0 to P7 are set to high impedance (invalid) and input of RS, /RD,
or /WR is not active. If serial interface mode has been set, the shift register and counter are both reset.
5.1.5 Display data RAM and on-chip register access
Because only the required cycle time (tcyc) is satisfied when accessing the
µPD16488A from the CPU, high-speed data
transfer is possible. There is no need to consider any wait time. No dummy data is needed when writing data. Even when
data is read, there is no need for dummy data except in the display memory access register (R11).
In other words, dummy data is required only when reading data from the display memory access register (R11).
Figure 5-2 illustrates this relationship.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com