Electronic Components Datasheet Search
  English  ▼

X  

UPD16488AP Datasheet(PDF) 13 Page - NEC

Part # UPD16488AP
Description  1/92 DUTY LCD CONTROLLER/DRIVER WITH FOUR-LEVEL GRAY SCALE, ON-CHIP RAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16488AP Datasheet(HTML) 13 Page - NEC

Back Button UPD16488AP Datasheet HTML 9Page - NEC UPD16488AP Datasheet HTML 10Page - NEC UPD16488AP Datasheet HTML 11Page - NEC UPD16488AP Datasheet HTML 12Page - NEC UPD16488AP Datasheet HTML 13Page - NEC UPD16488AP Datasheet HTML 14Page - NEC UPD16488AP Datasheet HTML 15Page - NEC UPD16488AP Datasheet HTML 16Page - NEC UPD16488AP Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 91 page
background image
Data Sheet S15745EJ2V0DS
13
µµµµPD16488A
3.3
Driver-Related Pins
Symbol
Name
Pad No.
I/O
Description
SEG1 to
SEG128
Segment
347-220
Output
Segment output pins
COM1 to
COM92
Common
166 to 192, 200 to 218,
350 to 368, 375 to 401
Output
Common output pins
VRS
Op amp input pin
for regulating the
driving voltage of
the LCD
7, 8
Input
VRS is an op amp input pin for regulating the driving voltage of
the LCD. This is a reference voltage input for the LCD voltage
regulation amplifier.
When using the internal drive circuit (i.e., when OP1 = 1), we
recommend inserting a 0.1 to 1
µF capacitor between this pin
and GND.
VR
Input pin for the op
amp's feedback
connection
13, 14
Input
VR is an input for the op amp's feedback connection. Insert this
pin between GND and AMPOUT when using the feedback resistor
for this input.
This pin is valid only when not using an internal resistor for VLCD
voltage regulation (i.e., when IRS = L). This pin cannot be used
when using the internal resistor for VLCD voltage regulation (i.e.,
when IRS = H).
AMPOUT
9, 10
AMPOUTP
Op amp output
11, 12
Output
These are op amp output pins for regulating the driving voltage
of the LCD. When not using an internal resistor for VLCD voltage
regulation (i.e., when IRS = L), these outputs are connected to
the LCD drive voltage regulation resistor (see 5.6.2 Voltage
regulator).
We recommend inserting a 0.01 to 0.1
µF capacitor between
these pins in order to stabilize the internal op amp's output.
DUMMY
Dummy pin
1 to 5, 109, 114, 119,
124, 129, 138, 141,
142, 159 to 165,
193 to 199, 219, 348,
349, 369 to 374, 402,
403
−
Dummy pin.
These pins are not connected inside IC. Usually, leave these
pins open.
3.4
Test Pins
Symbol
Name
Pad No.
I/O
Description
TSTIFS
TSTRTST
TSTVIHL
Test input
152, 153,
154, 155,
156, 157
Input
These pins are used to set a test mode for the IC.
Normally, connect these pins to VSS.
TESTOUT
Test output
150, 151
Output
These pins are used when the IC is in test mode.
Usually, leave them open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com