Electronic Components Datasheet Search
  English  ▼

X  

UPD16488AP Datasheet(PDF) 62 Page - NEC

Part # UPD16488AP
Description  1/92 DUTY LCD CONTROLLER/DRIVER WITH FOUR-LEVEL GRAY SCALE, ON-CHIP RAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16488AP Datasheet(HTML) 62 Page - NEC

Back Button UPD16488AP Datasheet HTML 58Page - NEC UPD16488AP Datasheet HTML 59Page - NEC UPD16488AP Datasheet HTML 60Page - NEC UPD16488AP Datasheet HTML 61Page - NEC UPD16488AP Datasheet HTML 62Page - NEC UPD16488AP Datasheet HTML 63Page - NEC UPD16488AP Datasheet HTML 64Page - NEC UPD16488AP Datasheet HTML 65Page - NEC UPD16488AP Datasheet HTML 66Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 91 page
background image
Data Sheet S15745EJ2V0DS
62
µµµµPD16488A
6.13 Display Start Line Setting Register (R12)
Display start line set specifies the top line in the display.
RS
D7
D6
D5
D4
D3
D2
D1
D0
1
−
DSL6
DSL5
DSL4
DSL3
DSL2
DSL1
DSL0
Default settings (initial values set by reset command)
D7
D6
D5
D4
D3
D2
D1
D0
−
0000000
6.14 Blink X Address Register (R13)
The blink X address register specifies the X address of the blink data RAM accessed by the CPU. This address is
automatically incremented each time the blink data RAM is accessed.
RS
D7
D6
D5
D4
D3
D2
D1
D0
1
−−−−
BXA3
BXA2
BXA1
BXA0
Default settings (initial values set by reset command)
D7
D6
D5
D4
D3
D2
D1
D0
−−−−
0000
6.15 Blink Start Line Address Register (R14)
The blink start line address register specifies the start line address of the display RAM accessed when the CPU uses blink
display mode. The range of blinking lines is determined based on the contents of this register and the blink end line
address register.
RS
D7
D6
D5
D4
D3
D2
D1
D0
Setting
1
−
BSL6
BSL5
BSL4
BSL3
BSL2
BSL1
BSL0
−
Default settings (initial values set by reset command)
D7
D6
D5
D4
D3
D2
D1
D0
−
0000000
6.16 Blink End Line Address Register (R15)
The blink end line address register specifies the end line address of the display RAM accessed when the CPU uses blink
display mode. The range of blinking lines is determined based on the contents of this register and the blink start line
address register.
RS
D7
D6
D5
D4
D3
D2
D1
D0
Setting
1
−
BEL6
BEL5
BEL4
BEL3
BEL2
BEL1
BEL0
−
Default settings (initial values set by reset command)
D7
D6
D5
D4
D3
D2
D1
D0
−
0000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com