Electronic Components Datasheet Search
  English  ▼

X  

UPD16488AP Datasheet(PDF) 35 Page - NEC

Part # UPD16488AP
Description  1/92 DUTY LCD CONTROLLER/DRIVER WITH FOUR-LEVEL GRAY SCALE, ON-CHIP RAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16488AP Datasheet(HTML) 35 Page - NEC

Back Button UPD16488AP Datasheet HTML 31Page - NEC UPD16488AP Datasheet HTML 32Page - NEC UPD16488AP Datasheet HTML 33Page - NEC UPD16488AP Datasheet HTML 34Page - NEC UPD16488AP Datasheet HTML 35Page - NEC UPD16488AP Datasheet HTML 36Page - NEC UPD16488AP Datasheet HTML 37Page - NEC UPD16488AP Datasheet HTML 38Page - NEC UPD16488AP Datasheet HTML 39Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 91 page
background image
Data Sheet S15745EJ2V0DS
35
µµµµPD16488A
5.6.3 Use of op amp for level power supply control
Although the
µPD16488A includes a circuit designed for low power consumption (HPM1, HPM0 = 0, 0), display quality
problems may occur when a large-load LCD panel is used. In such cases, the display quality and power consumption
level can be improved by setting. The HPM1 and HPM0 flags in the power system control register 1 (R32) to "0, 1" to
"1, 1" to switch to the op amp driver capacity for mode settings shown in Table 5-14. Check the actual display quality before
deciding which mode to set.
If setting high power mode still does not sufficiently improve the display quality, the LCD drive voltage must be provided
from an external power source.
Table 5-14. Op Amp Mode Setting
HPM1
HPM0
Mode Setting
0
0
Normal mode
0
1
Low power mode
1
0
High power mode
1
1
For power ON mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com