Electronic Components Datasheet Search
  English  ▼

X  

UPD16488AP Datasheet(PDF) 79 Page - NEC

Part # UPD16488AP
Description  1/92 DUTY LCD CONTROLLER/DRIVER WITH FOUR-LEVEL GRAY SCALE, ON-CHIP RAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16488AP Datasheet(HTML) 79 Page - NEC

Back Button UPD16488AP Datasheet HTML 75Page - NEC UPD16488AP Datasheet HTML 76Page - NEC UPD16488AP Datasheet HTML 77Page - NEC UPD16488AP Datasheet HTML 78Page - NEC UPD16488AP Datasheet HTML 79Page - NEC UPD16488AP Datasheet HTML 80Page - NEC UPD16488AP Datasheet HTML 81Page - NEC UPD16488AP Datasheet HTML 82Page - NEC UPD16488AP Datasheet HTML 83Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 91 page
background image
Data Sheet S15745EJ2V0DS
79
µµµµPD16488A
Electrical Characteristics 2
(Unless Otherwise Specified, TA =
−40 to +85°°°°C)
Parameter
Symbol
Conditions
MIN.
TYP.Note
MAX.
Unit
Current consumption
IDD11
Frame frequency = 70 Hz,
160
220
µA
(normal mode)
B/W all display OFF data output,
1/92 duty, VDD1 = VDD2 = 3.0 V,
in x5 boost mode, VLCD = 12 V
Frame frequency = 70 Hz,
210
310
µA
B/W checker pattern display data output,
1/92 duty, VDD1 = VDD2 = 3.0 V,
in x5 boost mode, VLCD = 12 V
Current consumption
IDD12
Frame frequency = 70 Hz,
270
390
µA
(high-power mode)
B/W all display OFF data output,
1/92 duty, VDD1 = VDD2 = 3.0 V,
in x5 boost mode, VLCD = 12 V
Frame frequency = 70 Hz,
325
480
µA
B/W checker pattern display data output,
1/92 duty, VDD1 = VDD2 = 3.0 V,
in x5 boost mode, VLCD = 12 V
Current consumption
IDD13
Frame frequency = 70 Hz,
115
155
µA
(low-power mode)
B/W all display OFF data output,
1/92 duty, VDD1 = VDD2 = 3.0 V,
in x5 boost mode, VLCD = 12 V
Frame frequency = 70 Hz,
165
230
µA
B/W checker pattern display data output,
1/92 duty, VDD1 = VDD2 = 3.0 V,
in x5 boost mode, VLCD = 12 V
Current consumption
IDD21
Frame frequency = 70 Hz,
95
140
µA
(partial display mode)
B/W all display OFF data output,
1/38 duty, VDD1 = VDD2 = 3.0 V,
in x3 boost mode, VLCD = 7.0 V, normal mode
Frame frequency = 70 Hz,
105
160
µA
B/W checker pattern display data output,
1/38 duty, VDD1 = VDD2 = 3.0 V,
VLCD = 7.0 V, in x3 boost mode, normal mode
Current consumption
IDD22
VDD1 = VDD2 = 3.0 V
10
µA
(standby mode)
Note TYP. values are reference values when TA = 25
°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com