Electronic Components Datasheet Search
  English  ▼

X  

UPD16488AP Datasheet(PDF) 15 Page - NEC

Part # UPD16488AP
Description  1/92 DUTY LCD CONTROLLER/DRIVER WITH FOUR-LEVEL GRAY SCALE, ON-CHIP RAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16488AP Datasheet(HTML) 15 Page - NEC

Back Button UPD16488AP Datasheet HTML 11Page - NEC UPD16488AP Datasheet HTML 12Page - NEC UPD16488AP Datasheet HTML 13Page - NEC UPD16488AP Datasheet HTML 14Page - NEC UPD16488AP Datasheet HTML 15Page - NEC UPD16488AP Datasheet HTML 16Page - NEC UPD16488AP Datasheet HTML 17Page - NEC UPD16488AP Datasheet HTML 18Page - NEC UPD16488AP Datasheet HTML 19Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 91 page
background image
Data Sheet S15745EJ2V0DS
15
µµµµPD16488A
5. DESCRIPTION OF FUNCTIONS
5.1
CPU Interface
5.1.1 Selection of interface type
The
µPD16488A chip transfers data using an 8-bit bidirectional data bus (D7 to D0) or a serial data input (SI). Setting the
polarity of the PSX pin as either H (high) or L (low) selects between 8-bit parallel or serial data input, as shown in the
following table.
PSX
CS
RS
/RD
/WR
C86
D7
D6
D5 to D0
H: Parallel input
CS
RS
/RD
/WR
C86
D7
D6
D5 to D0
L: Serial input
CS
RS
Note1 Note1 Note1
SI
SCL
Hi-Z Note2
Notes 1. Fixed as either High or Low.
2. Hi-Z: High impedance
5.1.2 Parallel interface
When the parallel interface has been selected (PSX = H), setting the C86 pin as either H or L enables a direct connection
to an i80 series or M68 series CPU (see table below).
C86
/CS1
CS2
RS
/RD
/WR
D7 to D0
H: M68 series CPU
/CS1
CS2
RS
E
R,/W
D7 to D0
L: i80 series CPU
/CS1
CS2
RS
/RD
/WR
D7 to D0
The data bus signal is identified according to the combination of the RS, /RD(E), and /WR(R,/W) signals, as shown in the
following table.
Common
M68
i80
Function
RS
R,/W
/RD
/WR
1
1
0
1
Reads display data and registers
1
0
1
0
Writes display data and registers
0
1
0
1
Prohibited
0
0
1
0
Writes to index register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com