Electronic Components Datasheet Search
  English  ▼

X  

UPD16488AP Datasheet(PDF) 21 Page - NEC

Part # UPD16488AP
Description  1/92 DUTY LCD CONTROLLER/DRIVER WITH FOUR-LEVEL GRAY SCALE, ON-CHIP RAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16488AP Datasheet(HTML) 21 Page - NEC

Back Button UPD16488AP Datasheet HTML 17Page - NEC UPD16488AP Datasheet HTML 18Page - NEC UPD16488AP Datasheet HTML 19Page - NEC UPD16488AP Datasheet HTML 20Page - NEC UPD16488AP Datasheet HTML 21Page - NEC UPD16488AP Datasheet HTML 22Page - NEC UPD16488AP Datasheet HTML 23Page - NEC UPD16488AP Datasheet HTML 24Page - NEC UPD16488AP Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 91 page
background image
Data Sheet S15745EJ2V0DS
21
µµµµPD16488A
5.2.3 Column address circuit
When displaying the contents of the display data RAM, the column address corresponds to the SEG output, as shown in
Figure 5-4.
As is shown in Table 5-1, the correspondence between the display RAM's column address and segment output can be
inverted using the ADC flag in control register 1 (R0) (segment driver direction selection flag). This reduces the constraints
on chip layout when assembling the LCD module.
Table 5-1. Relationship between Column Address and SEG Output
SEG Output
SEG1
SEG128
0
00H
→
Column address
→
7FH
ADC
(D1)
17FH
←
Column address
←
00H
5.2.4 Y address circuit
As is shown in Figure 5-4, the Y address register (R4) is used to specify the display data RAM's Y address. When using
Y address increment mode (INC = 1: control register 2 (R1)), the specified Y address is incremented (by 1) each time a
display data read or write operation is executed. The CPU is able to continuously access the display data. The Y address
is incremented to 7FH, after which the X address is incremented after each read or write operation and the Y address is set
back to 00H.
5.2.5 Common scan circuit
The common scan circuit sets the scan lines for common signals. The scan direction is set using the COMR flag in control
register 1 (R0), as shown in Table 5-2.
For example, when using 1/80 duty, when COMR = L the scan direction is COM1 → COM80 and when COMR = H,
the scan direction is COM80 → COM1 using the COM80 to COM1 pins.
Table 5-2. Relationship between Common Scan Circuit and Scan Direction
0COM1
→
COM92
COMR
(D0)
1COM92
→
COM1
5.2.6 Display start line set
As is shown in Figure 5-4, display start line set specifies the Y address that corresponds to the COM1 output for displaying
the contents of display data RAM. The display start line setting register (R12) is used to specify the top line in the display.
The screen can be scrolled, overwritten, etc. A 7-bit display start address is set to the display start line setting register.
5.2.7 Display data latch circuit
The display data latch circuit is used for temporary storage of data that is output to the LCD driver from the display data RAM.
The display scan command that sets normal or reverse display mode and the display ON/OFF command control latched
data so that there is no effect on the data in the display data RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com