Electronic Components Datasheet Search
  English  ▼

X  

UPD16488AP Datasheet(PDF) 32 Page - NEC

Part # UPD16488AP
Description  1/92 DUTY LCD CONTROLLER/DRIVER WITH FOUR-LEVEL GRAY SCALE, ON-CHIP RAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16488AP Datasheet(HTML) 32 Page - NEC

Back Button UPD16488AP Datasheet HTML 28Page - NEC UPD16488AP Datasheet HTML 29Page - NEC UPD16488AP Datasheet HTML 30Page - NEC UPD16488AP Datasheet HTML 31Page - NEC UPD16488AP Datasheet HTML 32Page - NEC UPD16488AP Datasheet HTML 33Page - NEC UPD16488AP Datasheet HTML 34Page - NEC UPD16488AP Datasheet HTML 35Page - NEC UPD16488AP Datasheet HTML 36Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 91 page
background image
Data Sheet S15745EJ2V0DS
32
µµµµPD16488A
5.6.2 Voltage regulator
The boost voltage from VOUT is supplied to the voltage regulator and output as the LCD drive voltage VLCD.
Since the
µPD16488A has a 256-step electronic volume function and an on-chip resistor for VLCD voltage regulation, a
small number of components can be used to configure a highly accurate voltage regulator.
(1) When using an on-chip resistor for VLCD voltage regulation
The on-chip resistor for VLCD voltage regulation and the electronic volume function can be used to regulate the contrast of
the LCD contents by controlling the LCD drive voltage VLCD using commands only. In such cases, no external resistor is
needed.
If VLCD
< VOUT, then the value for VLCD can be determined from the following equation.
Example Equation VLCD
< VOUT
VLCD = (1 +
Ra
Rb ) VEV
VLCD = (1 +
Ra
Rb ) (1 −
384
α ) VREG
Remark VEV = (1
−
384
α ) VREG
Figure 5-12. When Using On-Chip Resistor for VLCD Voltage Regulation
+
-
Rb
Ra
VLCD
VEV (Constant voltage source +
electronic volume)
VREG is the IC's on-chip constant voltage source, for which three types of temperature characteristic curves are available.
These temperature characteristic curves can be adjusted via settings in the power system control register 1 (R32) (TSC1,
TCS0), as shown in Table 5-11.
Table 5-11 shows the VREG voltage when TA = 25
°C.
Table 5-11. VREG Voltage When TA = 25
°°°°C
Status
TCS1
TCS0
Temperature Curve (%/
°C)
VREG (TYP.) (V)
Internal power supply
0
0
−0.06
1.04
01
−0.08
0.98
10
−0.09
0.93
11
−0.12
0.85
α is the electronic volume register (R35) value. Any of 256 statuses can be set as the fetched status for α corresponding
to the data set to the 8-bit electronic control register.
α values based on settings in the electronic volume register (R35:
normal display mode) and the partial electronic volume register (R36: partial display mode) are listed in Table 5-12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com