Electronic Components Datasheet Search
  English  ▼

X  

UPD16488AP Datasheet(PDF) 49 Page - NEC

Part # UPD16488AP
Description  1/92 DUTY LCD CONTROLLER/DRIVER WITH FOUR-LEVEL GRAY SCALE, ON-CHIP RAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16488AP Datasheet(HTML) 49 Page - NEC

Back Button UPD16488AP Datasheet HTML 45Page - NEC UPD16488AP Datasheet HTML 46Page - NEC UPD16488AP Datasheet HTML 47Page - NEC UPD16488AP Datasheet HTML 48Page - NEC UPD16488AP Datasheet HTML 49Page - NEC UPD16488AP Datasheet HTML 50Page - NEC UPD16488AP Datasheet HTML 51Page - NEC UPD16488AP Datasheet HTML 52Page - NEC UPD16488AP Datasheet HTML 53Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 91 page
background image
Data Sheet S15745EJ2V0DS
49
µµµµPD16488A
5.8
Display Modes
5.8.1 Partial display mode
The
µPD16488A includes a function for outputting a display that uses only part of the LCD panel. The duty setting for
partial display mode can be selected as 1/12, 1/25, or 1/38. Parts of the LCD panel that are outside of the specified display
area are scanned with non-select waveforms. The partial start line address register (R21) is used to select which part of
the LCD panel to use for the partial display. The display area starts from the start line address and includes the number of
lines (12, 25, or 38 lines) that has been specified via the partial display mode setting (R10).
When entering this mode, the booster is set to the boost level number that has been set via the power system control
register 3 (partial display boost register) (R34) and the display start line is fixed as 00H. In addition, the bias level is
automatically changed to the value that has been set via the partial display mode setting (R10). The relationship between
the oscillator's frequency and the frame frequency in partial mode is also automatically changed.
Figure 5-24 shows the mutual relationship between the partial line start address and the LCD display.
When using the partial display mode, the blinking and reverse display functions can be used in the same way as during
full-dot display mode.
Caution The LCD driver voltage is lower in partial display mode, because the duty is lower than in normal display
mode. There may be restrictions on the usable duty depending on the LCD panel characteristics.
We recommend determining the partial duty after making a thorough evaluation of the actual LCD panel.
Figure 5-24. Relationship Between Partial Line Start Address and LCD Display
(in Partial Display Mode)
00H
01H
02H
03H
1DH
1EH
1FH
...
Display start line
(00H)
Partial display
start line
Non-display areas
Caution In partial display mode, the display start line setting register (R12) command is ignored.
When switching from normal display mode to partial display mode or from partial display mode to normal display mode, if
an electric charge remains in the smoothing capacitor that is connected between the LCD drive voltage pins (VLCD, VLC1 to
VLC4) and the VSS pin, troubles such as a brief all-black display may occur during the mode switching operation. To avoid
such troubles, we recommend using the following power-on sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com