Electronic Components Datasheet Search
  English  ▼

X  

UPD16488AP Datasheet(PDF) 6 Page - NEC

Part # UPD16488AP
Description  1/92 DUTY LCD CONTROLLER/DRIVER WITH FOUR-LEVEL GRAY SCALE, ON-CHIP RAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16488AP Datasheet(HTML) 6 Page - NEC

Back Button UPD16488AP Datasheet HTML 2Page - NEC UPD16488AP Datasheet HTML 3Page - NEC UPD16488AP Datasheet HTML 4Page - NEC UPD16488AP Datasheet HTML 5Page - NEC UPD16488AP Datasheet HTML 6Page - NEC UPD16488AP Datasheet HTML 7Page - NEC UPD16488AP Datasheet HTML 8Page - NEC UPD16488AP Datasheet HTML 9Page - NEC UPD16488AP Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 91 page
background image
Data Sheet S15745EJ2V0DS
6
µµµµPD16488A
2. PIN CONFIGURATION (PAD LAYOUT)
Chip size
: 3.0 x 11.4 mm2
Chip
: 485
µm TYP.
Shape of Alignment Mark (unit:
µµµµm)
Pad type A : Pad size (AI) : 53 x 73
µm2
Bump size
: 45 x 60
µm2
Bump height : 17
µm TYP.
Pad type B : Pad size (AI) : 118 x 73
µm2
Bump size
: 110 x 60
µm2
Bump height : 17
µm TYP.
Alignment Mark Coordinate
Mark Center Coordinate
X [
µm]
Y [
µm]
M1
−1200.00
5300.00
M2
−1200.00
−5300.00
M3
1275.00
−5475.00
M4
1275.00
5475.00
Y
X
403
A1
372
A4
371
1
164
A1
196
A3
197
163
100
50
50
100
50
100
A1,A2
A3
A4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com