Electronic Components Datasheet Search
  English  ▼

X  

UPD16488AP Datasheet(PDF) 72 Page - NEC

Part # UPD16488AP
Description  1/92 DUTY LCD CONTROLLER/DRIVER WITH FOUR-LEVEL GRAY SCALE, ON-CHIP RAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16488AP Datasheet(HTML) 72 Page - NEC

Back Button UPD16488AP Datasheet HTML 68Page - NEC UPD16488AP Datasheet HTML 69Page - NEC UPD16488AP Datasheet HTML 70Page - NEC UPD16488AP Datasheet HTML 71Page - NEC UPD16488AP Datasheet HTML 72Page - NEC UPD16488AP Datasheet HTML 73Page - NEC UPD16488AP Datasheet HTML 74Page - NEC UPD16488AP Datasheet HTML 75Page - NEC UPD16488AP Datasheet HTML 76Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 91 page
background image
Data Sheet S15745EJ2V0DS
72
µµµµPD16488A
8. POWER SUPPLY SEQUENCE
The
µPD16488A includes power supply circuitry, such as a booster and a voltage follower. When a reset is performed
using the /RES pin, the reset function is restricted so as to prevent operation faults that may occur due to noise effects, etc.
When electric charge remains in the smoothing capacitor that is connected between the VSS pin and the voltage pins
related to the LCD driver (VLCD, VLC1 to VLC4), troubles such as a brief all-black display screen may occur when the power is
switched ON or OFF. The following power-on sequence is recommended as a means to avoid such troubles when
switching the power ON or OFF.
8.1 Power ON Sequence (When Using On-Chip Power Supply, Power Supply ON
¡
¡
¡
¡ Display ON)
Turn power ON when /RES pin = L
↓
Power supply stabilization
↓
/RES pin = H
↓
Wait at least 50
µs before command input
Command reset
R2
Register reset
↓
Control register 1
DISP = 0, HALT = 1
R0
Display OFF, internal operations stopped
↓
IC functions set via command input
• Control register 1
(DISP = 0, HALT = 1 status is retained)
• Control register 2
•••• Power control register 1
(HPM1, HPM0 = 1, 1)
• Power control registers 2, 3
• Electronic volume register
• Partial electronic volume register
• Boost adjustment register
Specification of power activation mode
↓
User-specified settings via command input
Duty setting register (R5)
AC driver inversion cycle register (R6)
Function settings for gray scale data, etc.
Make sure to set the duty setting register (R5) and AC
driver inversion cycle register (R6)
↓
Initialization complete
↓
Control register 1
DISP = 0, HALT = 0
R0
Display OFF, internal operations started
↓
LCD display screen settings
• Display start line setting register
• Write screen data, etc. + wait time
After internal operations are started, wait at least 400 ms
before turning on the LCD display Note.
↓
Power system control register 1
(Mode except HPM1, HPM0 (1, 1))
Cancels V/F mode for power activation
↓
Control register 1
DISP = 1, HALT = 0
R0
Display ON, internal operation start mode
Note
This 400 ms wait time varies according to the panel characteristics and the capacitance value of the
boost/smoothing capacitor. We recommend determining the wait time after making a thorough evaluation of the
actual device (refer to 8.5 VOUT, VLCD Voltage Sequence (Power ON
→
→
→
→ Power OFF)).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com