Electronic Components Datasheet Search
  English  ▼

X  

UPD16488AP Datasheet(PDF) 53 Page - NEC

Part # UPD16488AP
Description  1/92 DUTY LCD CONTROLLER/DRIVER WITH FOUR-LEVEL GRAY SCALE, ON-CHIP RAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16488AP Datasheet(HTML) 53 Page - NEC

Back Button UPD16488AP Datasheet HTML 49Page - NEC UPD16488AP Datasheet HTML 50Page - NEC UPD16488AP Datasheet HTML 51Page - NEC UPD16488AP Datasheet HTML 52Page - NEC UPD16488AP Datasheet HTML 53Page - NEC UPD16488AP Datasheet HTML 54Page - NEC UPD16488AP Datasheet HTML 55Page - NEC UPD16488AP Datasheet HTML 56Page - NEC UPD16488AP Datasheet HTML 57Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 91 page
background image
Data Sheet S15745EJ2V0DS
53
µµµµPD16488A
5.9
Reset
In the
µPD16488A, a reset is executed when the /RES input is at low level or when a reset command is entered. The IC
is reset to its default settings. These default settings are listed in the table below.
Register
Number
/RES
Reset Command
Control register 1
R0
Enabled (DISP flag only)
Enabled
Control register 2
R1
Enabled (IDIS flag only)
X address register
R3
Disabled
Y address register
R4
Duty setting register
R5
EnabledNote2
AC driver inversion cycle register
R6
AC driver inversion position shift register
R7
Enabled
Partial AC driver inversion cycle register
R8
Partial AC driver inversion position shift register
R9
Partial display mode setting register
R10
Display memory access register Note1
R11
Disabled
Display start line setting register
R12
Enabled
Blink X address register
R13
Blink start line address register
R14
Blink end line address register
R15
Blink data memory access register Note1
R16
Disabled
Inverted X address register
R17
Enabled
Inversion start line address register
R18
Inversion end line address register
R19
Inverted data memory access register Note1
R20
Disabled
Partial start line address register
R21
Enabled
Gray scale data register 1 (0, 0)
R23
Gray scale data register 2 (0, 1)
R24
Gray scale data register 3 (1, 0)
R25
Gray scale data register 4 (1, 1)
R26
Partial gray scale data register 1 (0, 0)
R27
Partial gray scale data register 2 (0, 1)
R28
Partial gray scale data register 3 (1, 0)
R29
Partial gray scale data register 4 (1, 1)
R30
Power system control register 1
R32
Power system control register 2
R33
Power system control register 3
R34
Electronic volume register
R35
Partial electronic volume register
R36
Boost adjustment register
R37
RAM test mode setting register
R44
Signature read register
R45
Disabled
Enabled: Default value is input, Disabled: Default value is not input
Notes 1. When using the /RES pin to reset, the contents of memory are not retained. Use the reset command to reset
if the memory contents need to be retained.
2. Be sure to set this register again after input the reset command.
Cautions 1. Using the /RES pin to reset initializes the shift clock counter.
2. Always input the reset command as the first command after power ON.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com