Electronic Components Datasheet Search
  English  ▼

X  

UPD16488AP Datasheet(PDF) 14 Page - NEC

Part # UPD16488AP
Description  1/92 DUTY LCD CONTROLLER/DRIVER WITH FOUR-LEVEL GRAY SCALE, ON-CHIP RAM
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16488AP Datasheet(HTML) 14 Page - NEC

Back Button UPD16488AP Datasheet HTML 10Page - NEC UPD16488AP Datasheet HTML 11Page - NEC UPD16488AP Datasheet HTML 12Page - NEC UPD16488AP Datasheet HTML 13Page - NEC UPD16488AP Datasheet HTML 14Page - NEC UPD16488AP Datasheet HTML 15Page - NEC UPD16488AP Datasheet HTML 16Page - NEC UPD16488AP Datasheet HTML 17Page - NEC UPD16488AP Datasheet HTML 18Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 91 page
background image
Data Sheet S15745EJ2V0DS
14
µµµµPD16488A
4. PIN I/O CIRCUITS AND RECOMMENDED CONNECTION OF UNUSED PINS
The I/O circuit type of each pin and recommended connection of unused pins are described below.
Pin Name
Input Type
Input/output
Recommended Connection of Unused Pins
Notes
PSX
Schmitt trigger
Input
Mode setting pin.
Note 1
/CS1
Filter
Input
Connect to VSS.
−−−−
CS2
Filter
Input
Connect to VDD1.
−−−−
/RD(E)
Filter
Input
Connect to VDD1 (i80 series interface), connect to VDD1
or VSS (serial interface).
−−−−
/WR(R,/W)
Filter
Input
Connect to VDD1 or VSS (serial interface).
−−−−
C86
Schmitt trigger
Input
Mode setting pin.
Note 1
D0 to D5
Filter
Input/output
Leave open
−−−−
D6(SCL)
Filter
Input/output
−−−−−−−−
D7(SI)
Filter
Input/output
−−−−−−−−
RS
Filter
Input
Register setting pin.
Note 2
/RES
Schmitt trigger
Input
Connect to VDD1.
−−−−
CLS
Schmitt trigger
Input
Mode setting pin
Note 1
FR
CMOS
Input/output
Leave open (using master mode, M/S = H).
−−−−
FRSYNC
CMOS
Input/output
Leave open (using master mode, M/S = H).
−−−−
DOF
CMOS
Input/output
Leave open (using master mode, M/S = H).
−−−−
M/S
Schmitt trigger
Input
Mode setting pin.
Note 1
IRS
Schmitt trigger
Input
Mode setting pin.
Note 1
SIGIN1
Schmitt trigger
Input
Connect to VDD1 or VSS.
−−−−
SIGIN2
Schmitt trigger
Input
Connect to VDD1 or VSS.
−−−−
OSCIN1
Schmitt trigger
Input
−−−−−−−−
OSCIN2
Schmitt trigger
Input
Connect to VDD1 or VSS (CLS = H)
−−−−
OSCOUT
−−−−
Output
Leave open (when using external clock)
−−−−
OSCSYNC
−−−−
Output
Leave open
−−−−
TSTIFS
Schmitt trigger
Input
Connect to VSS (during normal use)
−−−−
TSTRTST
Schmitt trigger
Input
Connect to VSS (during normal use)
−−−−
TSTVIHL
Schmitt trigger
Input
Connect to VSS (during normal use)
−−−−
TESTOUT
-
Output
Leave open
Notes 1. Connect to either VDD1 or VSS, depending on the mode setting.
2. Input either VDD1 or VSS output from CPU, depending on the mode setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com