Electronic Components Datasheet Search
  English  ▼

X  

AX88141 Datasheet(PDF) 11 Page - ASIX Electronics Corporation

Part # AX88141
Description  100BASE-TX/FX PCI BUS FAST ETHERNET MAC CONTROLLER WITH POWER MANAGEMENT
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88141 Datasheet(HTML) 11 Page - ASIX Electronics Corporation

Back Button AX88141 Datasheet HTML 7Page - ASIX Electronics Corporation AX88141 Datasheet HTML 8Page - ASIX Electronics Corporation AX88141 Datasheet HTML 9Page - ASIX Electronics Corporation AX88141 Datasheet HTML 10Page - ASIX Electronics Corporation AX88141 Datasheet HTML 11Page - ASIX Electronics Corporation AX88141 Datasheet HTML 12Page - ASIX Electronics Corporation AX88141 Datasheet HTML 13Page - ASIX Electronics Corporation AX88141 Datasheet HTML 14Page - ASIX Electronics Corporation AX88141 Datasheet HTML 15Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
AX88141
PRELIMINARY
ASIX ELECTRONICS CORPORATION
11
CONFIDENTIAL
AD<31>
AD<30>
AD<29>
AD<28>
AD<27>
AD<26>
AD<25>
AD<24>
AD<23>
AD<22>
AD<21>
AD<20>
AD<19>
AD<18>
AD<17>
AD<16>
AD<15>
AD<14>
AD<13>
AD<12>
AD<11>
AD<10>
AD<9>
AD<8>
AD<7>
AD<6>
AD<5>
AD<4>
AD<3>
AD<2>
AD<1>
AD<0>
I/O
10,
11,
13,
14,
16,
17,
19,
20,
24,
25,
26,
27,
29,
30,
33,
34,
50,
51,
52,
54,
55,
57,
58,
59,
62,
63,
64,
66,
67,
69,
70,
72
Address and data bits are multiplexed on the same pins. During the address phase, the AD<31:0>
contain a physical address (32 bits). During, data phases, AD<31:0> contain 32 bits of data.
The AX88141 supports both read and write bursts (in master operation only). Little and big endian byte
ordering can be used.
PCI_CLK
I
5
The clock provides the timing for the AX88141 related PCI bus transactions. All the bus signals are
sampled on the rising edge of PCI_CLK. The clock frequency range is between 20MHZ and 33MHZ.
PERR#
I/O
45
Parity error asserts when a data parity error is detected. When the AX88141 is the bus master it monitor
PERR# to see if the target report a data parity error., when the AX88141 is the bus target and a parity
error is detected, the AX88141 asserts PERR#. This pin must be pulled up by an external resistor.
REQ#
O
8
Bus request is asserted by the AX88141 to indicate to the bus arbiter that it wants to use the bus.
RST#
I
2
Resets the AX88141 to its initial state. This signal must be asserted for at least 10 active PCI clock
cycles. When is the reset state, all PCI output pins are put into tri-state and all PCI o/d signals are
floated.
SERR#
I/O
46
System Error is used by AX88141 to report address parity Error. This pin must be pulled up by an
external resistor.
STOP#
I/O
43
Stop indicator indicates that the current target is requesting the bus master to stop the current transaction.
The AX88141 responds to the assertion of STOP# when it is the bus master, and stop the current
transaction.
TRDY#
I/O
41
Target ready indicates the target ability to complete the current data phase of the transaction.
A data phase is completed on any clock when both TRDY# and IRDY# are asserted. Wait cycles are
inserted until both IRDY# and TRDY# are asserted together. When the AX88141 is the bus master,
target ready is asserted by the bus slave on the read operation, indicating that valid data is present on the
ad lines. During a write cycle, it indicates that the target is prepared to accept data.
PME#
O
9
Tab - 1 PCI interface group
2.3 Boot ROM , Serial ROM , General-purpose signals group
SIGNAL
TYPE
PIN
NUMBER
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com