Electronic Components Datasheet Search
  English  ▼

X  

AX88141 Datasheet(PDF) 16 Page - ASIX Electronics Corporation

Part # AX88141
Description  100BASE-TX/FX PCI BUS FAST ETHERNET MAC CONTROLLER WITH POWER MANAGEMENT
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88141 Datasheet(HTML) 16 Page - ASIX Electronics Corporation

Back Button AX88141 Datasheet HTML 12Page - ASIX Electronics Corporation AX88141 Datasheet HTML 13Page - ASIX Electronics Corporation AX88141 Datasheet HTML 14Page - ASIX Electronics Corporation AX88141 Datasheet HTML 15Page - ASIX Electronics Corporation AX88141 Datasheet HTML 16Page - ASIX Electronics Corporation AX88141 Datasheet HTML 17Page - ASIX Electronics Corporation AX88141 Datasheet HTML 18Page - ASIX Electronics Corporation AX88141 Datasheet HTML 19Page - ASIX Electronics Corporation AX88141 Datasheet HTML 20Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
AX88141
PRELIMINARY
ASIX ELECTRONICS CORPORATION
16
CONFIDENTIAL
3.2.5 Configuration Base I/O Address Register (CBIO)
FIELD
R/W
DESCRIPTION
31:7
R/W
Configuration Base I/O Address : Defines the address assignment mapping of AX88141‘s regs.
6:1
R
This field value is 0 when read
0
R
I/O Space Indicator : Determines that the register maps into the I/O space. The value in this field is 1.
Tab - 10 CBIO Configuration Base I/O Address Register Description
3.2.6 Configuration Base Memory Address Register (CBMA)
FIELD
R/W
DESCRIPTION
31:7
R/W
Configuration Base Memory Address : Defines the address assignment mapping of AX88141‘s regs.
6:1
R
This field value is 0 when read
0
R
Memory Space Indicator : Determines that the register maps into the memory space. The value in this field is 0.
Tab - 11 CBMA Configuration Base Memory Address Register Description
3.2.7 Expansion ROM Base Address Register (CBER)
FIELD
R/W
DESCRIPTION
31:10
R/W
Expansion ROM Base Address
9:1
R
This field value is 0 when read
0
R/W
Expansion ROM Enable Bit : Active high
Tab - 12 CBER Expansion ROM Base Address Register Description
3.2.8 Configuration Interrupt Register (CSIT)
FIELD
R/W
DESCRIPTION
31:24
R
MAX_LAT : time unit is equal to 0.25 microsecond.(28H)
23:16
R
MIN_GNT : Time unit is equal to 0.25 microsecond.(14H)
15:8
R
Interrupt Pin : The AX88141 uses INTA# and the read value is (01H).
7:0
R/W
Interrupt Line : The BIOS writes the routing information into this field.
Tab - 13 CSIT Configuration Interrupt Register Description
3.2.9 Special Use Register (SUD)
FIELD
R/W
DESCRIPTION
31:30
R
Reserved
29
R/W
Enable bit, when set to “1”, if GEP LINK pin has transition, PME# will active.
28
R/W
This bit will be “1” if GEP LINK pin has transitions.
27
R/W
This bit will be “1” if Magic Packet was detected.
26-25
R
Reserved
24
R/W
Password enable bit, when this bit is set to “1”, AX881401 will check the password from Magic Packet With the stored
password in REG 0B and REG 1B before asserting the Magic Packet detected bit (<3> of REG 43)
23-16
R
Reserved
15:8
R/W
Driver special Use
7-0
R
Reserved
Tab - 14 CSIT Configuration Interrupt Register Description
3.2.10 Subsystem ID and Subsystem Vendor Register (SSID)
FIELD
R/W
DESCRIPTION
31:16
R
Subdsystem ID :
Provides the subsystem ID which is loaded from EEPROM at hardware reset
15:0
R
Subsystem Vender ID :
Provides the subsystem vendor ID which is loaded from EEPROM at hardware reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com