Electronic Components Datasheet Search
  English  ▼

X  

AX88141 Datasheet(PDF) 29 Page - ASIX Electronics Corporation

Part # AX88141
Description  100BASE-TX/FX PCI BUS FAST ETHERNET MAC CONTROLLER WITH POWER MANAGEMENT
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88141 Datasheet(HTML) 29 Page - ASIX Electronics Corporation

Back Button AX88141 Datasheet HTML 25Page - ASIX Electronics Corporation AX88141 Datasheet HTML 26Page - ASIX Electronics Corporation AX88141 Datasheet HTML 27Page - ASIX Electronics Corporation AX88141 Datasheet HTML 28Page - ASIX Electronics Corporation AX88141 Datasheet HTML 29Page - ASIX Electronics Corporation AX88141 Datasheet HTML 30Page - ASIX Electronics Corporation AX88141 Datasheet HTML 31Page - ASIX Electronics Corporation AX88141 Datasheet HTML 32Page - ASIX Electronics Corporation AX88141 Datasheet HTML 33Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
AX88141
PRELIMINARY
ASIX ELECTRONICS CORPORATION
29
CONFIDENTIAL
5.2 Receive Descriptors
The receive descriptor provides one buffer, one byte-count buffer, and one address pointer in
each descriptor. Descriptors and receive buffers addresses must be long-word aligned.
Receive Descriptor Format
31
0
RDES0
O
W
N
Status
RDES1
Control bits
Byte Count Buffer 2
Byte Count Buffer 1
RDES2
Buffer Address 1
RDES3
Buffer Address 2
Fig - 4 Receive Descriptor Format
5.2.1 Receive Descriptor 0 (RDES0)
RDES0 contains the received frame status, the frame length, and the descriptor ownership
information.
Field
Description
1
Indicates that the descriptor is owned by the AX88141
31
OWN - Own Bit
The AX88141 clears this bit either when it completes the
frame reception or
when the buffers that are associated with this descriptor are
full.
0
Indicates that the descriptor is owned by the host
1
Indicates that the frame failed the address recognition filtering
30
FF - Filtering Fail
This bit can be set only when receive all (REG6<30>) is set.
0
Indicates that the frame passed the address recognition filtering
29:16
FL - Frame Length
Indicates the length in bytes of the received frame including the cyclic redundancy check (CRC).
This field is valid only when last descriptor (RDES0<8>) is set and descriptor error ( RDES0<14>) is reset.
ES - Error Summary
Indicates the logical OR of the following RDES0 bits :
This field is valid only when last descriptor (RDES0<8>) is set.
RDES0<1>
CRC error
RDES0<6>
collision seen
RDES0<7>
frame too long
RDES0<11>
runt frame
15
RDES0<14>
descriptor error
14
DE - Descriptor Error. The frame is truncated. Active high.
This field is valid only when last descriptor (RDES0<8>) is set.
13:12
Reserved.--Written as “0” for future compatibility concern.
11
RF - Runt Frame. Indicates that this frame is a runt frame. Active high.
This field is valid only when last descriptor (RDES0<8>) is set .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com