Electronic Components Datasheet Search
  English  ▼

X  

AX88141 Datasheet(PDF) 34 Page - ASIX Electronics Corporation

Part # AX88141
Description  100BASE-TX/FX PCI BUS FAST ETHERNET MAC CONTROLLER WITH POWER MANAGEMENT
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88141 Datasheet(HTML) 34 Page - ASIX Electronics Corporation

Back Button AX88141 Datasheet HTML 30Page - ASIX Electronics Corporation AX88141 Datasheet HTML 31Page - ASIX Electronics Corporation AX88141 Datasheet HTML 32Page - ASIX Electronics Corporation AX88141 Datasheet HTML 33Page - ASIX Electronics Corporation AX88141 Datasheet HTML 34Page - ASIX Electronics Corporation AX88141 Datasheet HTML 35Page - ASIX Electronics Corporation AX88141 Datasheet HTML 36Page - ASIX Electronics Corporation AX88141 Datasheet HTML 37Page - ASIX Electronics Corporation AX88141 Datasheet HTML 38Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 43 page
background image
AX88141
PRELIMINARY
ASIX ELECTRONICS CORPORATION
34
CONFIDENTIAL
6.4 A.C. Timing Characteristics
6.4.1 PCI CLOCK
Symbol
Description
Min
Typ.
Max
Units
Tcyc
CYCLE TIME
30
-
45
ns
Thigh
PCI_CLK HIGH TIME
11
-
-
ns
Tlow
PCI_CLK LOW TIME
11
-
-
ns
Tr/Tf
PCI_CLK SLEW RATE
1
-
4
ns
6.4.2 PCI Timings
PCI_CLK
Tval
Tval
(max)
(min)
OUTPUT
Ton
Toff
INPUT
Tsu
Th
Symbol
Description
Min
Typ.
Max
Units
Tval
CLK TO SIGNAL VALID DELAY
2
-
11
ns
Ton
FLOAT TO ACTIVE DELAY
2
-
-
ns
Toff
ACTIVE TO FLOAT DELAY
-
-
28
ns
Tsu
INPUT SETUP TIME TO CLK
7
-
-
ns
Th
INPUT HOLD TIME FROM CLK
0
-
-
ns
6.4.3 Reset Timing
PCI_CLK
RST#
Symbol
Description
Min
Typ.
Max
Units
Trst
Reset pulse width
10
-
-
PCI Clk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com