Electronic Components Datasheet Search
  English  ▼

X  

AX88141 Datasheet(PDF) 24 Page - ASIX Electronics Corporation

Part # AX88141
Description  100BASE-TX/FX PCI BUS FAST ETHERNET MAC CONTROLLER WITH POWER MANAGEMENT
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88141 Datasheet(HTML) 24 Page - ASIX Electronics Corporation

Back Button AX88141 Datasheet HTML 20Page - ASIX Electronics Corporation AX88141 Datasheet HTML 21Page - ASIX Electronics Corporation AX88141 Datasheet HTML 22Page - ASIX Electronics Corporation AX88141 Datasheet HTML 23Page - ASIX Electronics Corporation AX88141 Datasheet HTML 24Page - ASIX Electronics Corporation AX88141 Datasheet HTML 25Page - ASIX Electronics Corporation AX88141 Datasheet HTML 26Page - ASIX Electronics Corporation AX88141 Datasheet HTML 27Page - ASIX Electronics Corporation AX88141 Datasheet HTML 28Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
AX88141
PRELIMINARY
ASIX ELECTRONICS CORPORATION
24
CONFIDENTIAL
4.2.10 Interrupt Enable Register (REG7)
1.
The interrupt enable register (REG7) enables the interrupts reported by REG5.
2.
Setting bit to 1 enables a corresponding interrupt. After a hardware or software reset, all interrupts are disabled.
Field
R/W/C
Description
31:17
-
Reserved
NI - Normal Interrupt Summary Enable
When set, normal interrupt is enabled.
When reset, no normal interrupt is enabled. This bit (REG7<16>) enables the following bits :
CSR5<0>
Transmit interrupt
CSR5<2>
Transmit buffer unavailable
CSR5<6>
Receive interrupt
CSR5<10>
Early transmit interrupt
16
R/W
CSR5<11>
General-purpose timer expired
AI - Abnormal Interrupt Summary Enable
When set, abnormal interrupt is enabled.
When reset, no abnormal interrupt is enabled. This bit (REG7<15>) enables the following bits :
CSR5<1>
transmit process stopped
CSR5<3>
transmit jabber time-out
CSR5<5>
transmit under-flow
CSR5<7>
receive buffer unavailable
CSR5<8>
receive process stopped
CSR5<9>
receive watchdog time-out
15
R/W
CSR5<11>
fatal bus error
13
R/W
FBE - Fatal Bus Error interrupt enable. Active high.
11
R/W
GPT - General purpose Timer interrupt Enable. Active high.
10
R/W
ETE - Early Transmit Interrupt Enable. Active high.
9
R/W
RW - Receive Watchdog Time out interrupt Enable. Active high
8
R/W
RS - Receive Stopped interrupt Enable. Active high.
7
R/W
RU - Receive Buffer Unavailable interrupt Enable. Active high.
6
R/W
RI - Receive Interrupt Enable. Active high.
5
R/W
UN - under-flow interrupt Enable. Active high.
4
-
Reserved.--Written as “0” for future compatibility concern.
3
R/W
TJ - Transmit Jabber Time out interrupt Enable. Active high.
2
R/W
TU - Transmit Buffer Unavailable interrupt Enable. Active high.
1
R/W
TS - Transmission Stopped interrupt Enable. Active high.
0
R/W
TI - Transmit Interrupt Enable. Active high.
Tab - 29 REG7 Interrupt Enable Register Description
4.2.11 Missed Frame and Overflow Flag (REG8)
Field
R/W
Description
31: 18
-
Reserved
17
R/C
Overflow Flag
Indicates the frames discarded because of overflow. The flag clears when read.
16 : 1
-
Reserved
0
R/C
Missed Frame Flag
Indicates the frames discarded because no host receive descriptors were available. The flag clears when read.
Tab - 30 REG8 Missed Frame and Overflow Counter Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com